Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASERIES Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ASERIES
Description  Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ASERIES Datasheet(HTML) 3 Page - Vishay Siliconix

  ASERIES Datasheet HTML 1Page - Vishay Siliconix ASERIES Datasheet HTML 2Page - Vishay Siliconix ASERIES Datasheet HTML 3Page - Vishay Siliconix ASERIES Datasheet HTML 4Page - Vishay Siliconix ASERIES Datasheet HTML 5Page - Vishay Siliconix ASERIES Datasheet HTML 6Page - Vishay Siliconix ASERIES Datasheet HTML 7Page - Vishay Siliconix ASERIES Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
A Series
www.vishay.com
Vishay BCcomponents
Revision: 20-Aug-13
3
Document Number: 45164
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING CODES
Notes
• Lead diameter is 0.5 mm
•# 5th digit is capacitance tolerance code: ± 5 % = J; ± 10 % = K
•# 13th, 14th and 15th digits are packaging code: Reel = TAA; Ammo = UAA
DIELECTRIC C0G
CAP.
(pF)
50 VDC
100 VDC
200 VDC
500 VDC
10
A100#15C0GF5###
A100#15C0GH5###
-
-
12
A120#15C0GF5###
A120#15C0GH5###
-
-
15
A150#15C0GF5###
A150#15C0GH5###
-
-
18
A180#15C0GF5###
A180#15C0GH5###
-
-
22
A220#15C0GF5###
A220#15C0GH5###
-
-
27
A270#15C0GF5###
A270#15C0GH5###
-
-
33
A330#15C0GF5###
A330#15C0GH5###
A330#15C0GK5###
A330#15C0GL5###
39
A390#15C0GF5###
A390#15C0GH5###
A390#15C0GK5###
A390#15C0GL5###
47
A470#15C0GF5###
A470#15C0GH5###
A470#15C0GK5###
A470#15C0GL5###
56
A560#15C0GF5###
A560#15C0GH5###
A560#15C0GK5###
A560#15C0GL5###
68
A680#15C0GF5###
A680#15C0GH5###
A680#15C0GK5###
A680#15C0GL5###
82
A820#15C0GF5###
A820#15C0GH5###
A820#15C0GK5###
A820#15C0GL5###
100
A101#15C0GF5###
A101#15C0GH5###
A101#15C0GK5###
A101#15C0GL5###
120
A121#15C0GF5###
A121#15C0GH5###
A121#15C0GK5###
A121#15C0GL5###
150
A151#15C0GF5###
A151#15C0GH5###
A151#15C0GK5###
A151#15C0GL5###
180
A181#15C0GF5###
A181#15C0GH5###
A181#15C0GK5###
A181#15C0GL5###
220
A221#15C0GF5###
A221#15C0GH5###
A221#15C0GK5###
A221#15C0GL5###
270
A271#15C0GF5###
A271#15C0GH5###
A271#15C0GK5###
A271#15C0GL5###
330
A331#15C0GF5###
A331#15C0GH5###
A331#15C0GK5###
A331#15C0GL5###
390
A391#15C0GF5###
A391#15C0GH5###
A391#15C0GK5###
A391#15C0GL5###
470
A471#15C0GF5###
A471#15C0GH5###
A471#15C0GK5###
A471#20C0GL5###
560
A561#15C0GF5###
A561#15C0GH5###
A561#15C0GK5###
A561#20C0GL5###
680
A681#15C0GF5###
A681#15C0GH5###
A681#15C0GK5###
A681#20C0GL5###
820
A821#15C0GF5###
A821#15C0GH5###
A821#15C0GK5###
A821#20C0GL5###
1000
A102#15C0GF5###
A102#20C0GH5###
A102#20C0GK5###
A102#20C0GL5###
1200
A122#15C0GF5###
A122#20C0GH5###
A122#20C0GK5###
-
1500
A152#15C0GF5###
A152#20C0GH5###
A152#20C0GK5###
-
1800
A182#15C0GF5###
A182#20C0GH5###
A182#20C0GK5###
-
2200
A222#15C0GF5###
A222#20C0GH5###
A222#20C0GK5###
-
2700
A272#20C0GF5###
A272#20C0GH5###
-
-
3300
A332#20C0GF5###
A332#20C0GH5###
-
-
3900
A392#20C0GF5###
A392#20C0GH5###
-
-
4700
A472#20C0GF5###
A472#20C0GH5###
-
-
5600
A562#20C0GF5###
A562#20C0GH5###
-
-
6800
A682#20C0GF5###
-
-
-
8200
A822#20C0GF5###
-
-
-
10 000
A103#20C0GF5###
-
-
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com