Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCALUG54A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCALUG54A
Description  NTC Thermistors, Standard Lug Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG54A Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCALUG54A Datasheet HTML 1Page - Vishay Siliconix NTCALUG54A Datasheet HTML 2Page - Vishay Siliconix NTCALUG54A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTCALUG54A M5
www.vishay.com
Vishay BCcomponents
Revision: 21-Feb-2022
2
Document Number: 29194
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
Preferred versions for new designs
(1) RoHS exemption 7(c)-I: electrical and electronic components containing lead in a glass or ceramic other than dielectric ceramic in
capacitors, e.g. piezo-electronic devices, or in a glass or ceramic matrix compound
DIMENSIONS in millimeters
L1
L2
Ø D1
Ø D2
Ø D3
TL3
ED4
Refer to the
ordering
table
2.5 ± 1
5.3 +0.2 / -0
9.5 ± 0.2
5.6 +0.3 / -0.2
1.0
19.8 ± 0.4
6.8 ± 0.3
1.12 ± 0.1
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
Ω)
R25-
TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
L1
(mm)
DESCRIPTION
UL
RECOG.
SAP MATERIAL AND ORDERING NUMBER
RoHS-COMPLIANT
WITH EXEMPTION (1)
RoHS-COMPLIANT
10 000
2
3984
0.5
38.1 ± 3.8
NTC Lug54 M5 10K
2 % 3984 K PTFE
AWG#24 38 mm
✓
NTCALUG54A103G
NTCALUG54A103GA
10 000
2
3435
1
38.1 ± 3.8
NTC Lug54 M5 10K
2 % 3435 K PTFE
AWG#24 38 mm
✓
NTCALUG54A103GL
NTCALUG54A103GLA
10 000
2
3984
0.5
350 +10 / -5
NTC Lug54 M5 10K
2 % 3984 K PTFE
AWG#24 350 mm
✓
NTCALUG54A103G351 NTCALUG54A103G351A
10 000
3
3984
0.5
150 +10 / -5
NTC Lug54 M5 10K
3 % 3984 K PTFE
AWG#24 150 mm
✓
NTCALUG54A103H151 NTCALUG54A103H151A
Ø D
1
Ø D
2
Ø D
3
L
3
L
1
L
2
E
Ø D
4
T



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com