Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLP100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCLP100
Description  NTC Thermistors, Pipe PVC Long Leads Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLP100 Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCLP100 Datasheet HTML 1Page - Vishay Siliconix NTCLP100 Datasheet HTML 2Page - Vishay Siliconix NTCLP100 Datasheet HTML 3Page - Vishay Siliconix NTCLP100 Datasheet HTML 4Page - Vishay Siliconix NTCLP100 Datasheet HTML 5Page - Vishay Siliconix NTCLP100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTCLP100
www.vishay.com
Vishay BCcomponents
Revision: 06-Oct-2020
2
Document Number: 29060
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
Brass-pipe type NTCLP100E....
L = 400 mm + 15 / - 0
Other wire lengths or connector attached available on request.
DERATING
Power derating curve.
Note
• Zero power is considered as measuring power max. 1 % of max. power
6 ± 0.1
25 ± 0.5
L
5 ± 2
055
- 40
85
125
T
amb (°C)
100
0
P
(%)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com