Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC583 Datasheet(PDF) 58 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 54Page - Analog Devices ADSP-SC583 Datasheet HTML 55Page - Analog Devices ADSP-SC583 Datasheet HTML 56Page - Analog Devices ADSP-SC583 Datasheet HTML 57Page - Analog Devices ADSP-SC583 Datasheet HTML 58Page - Analog Devices ADSP-SC583 Datasheet HTML 59Page - Analog Devices ADSP-SC583 Datasheet HTML 60Page - Analog Devices ADSP-SC583 Datasheet HTML 61Page - Analog Devices ADSP-SC583 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 173 page
background image
Rev. B
|
Page 58 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
ADSP-SC58X/ADSP-2158X DESIGNER QUICK REFERENCE
Table 27 provides a quick reference summary of pin related
information for circuit board design. The columns in this table
provide the following information:
• The Signal Name column includes the signal name for
every pin and the GPIO multiplexed pin function, where
applicable.
• The Type column identifies the I/O type or supply type of
the pin. The abbreviations used in this column are a (ana-
log), s (supply), g (ground) and Input, Output, and InOut.
• The Driver Type column identifies the driver type used by
the corresponding pin. The driver types are defined in the
Output Drive Currents section of this data sheet.
• The Internal Term column specifies the termination pres-
ent when the processor is not in the reset state.
• The Reset Term column specifies the termination present
when the processor is in the reset state.
• The Reset Drive column specifies the active drive on the
signal when the processor is in the reset state.
• The Power Domain column specifies the power supply
domain in which the signal resides.
•The Description and Notes column identifies any special
requirements or characteristics for a signal. These recom-
mendations apply whether or not the hardware block
associated with the signal is featured on the product. If no
special requirements are listed, the signal can be left uncon-
nected if it is not used. For multiplexed general-purpose
I/O pins, this column identifies the functions available on
the pin.
Table 27. ADSP-SC58x/ADSP-2158x Designer Quick Reference
Signal Name
Type
Driver
Type
Internal
Term
Reset
Term
Reset
Drive
Power Domain
Description and Notes
DAI0_PIN01
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 1
Notes: No notes
DAI0_PIN02
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 2
Notes: No notes
DAI0_PIN03
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 3
Notes: No notes
DAI0_PIN04
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 4
Notes: No notes
DAI0_PIN05
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 5
Notes: No notes
DAI0_PIN06
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 6
Notes: No notes
DAI0_PIN07
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 7
Notes: No notes
DAI0_PIN08
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 8
Notes: No notes
DAI0_PIN09
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 9
Notes: No notes
DAI0_PIN10
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 10
Notes: No notes
DAI0_PIN11
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 11
Notes: No notes
DAI0_PIN12
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 12
Notes: No notes
DAI0_PIN13
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 13
Notes: No notes
DAI0_PIN14
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 14
Notes: No notes
DAI0_PIN15
InOut
A
PullDown
none
none
VDD_EXT
Desc: DAI0 Pin 15
Notes: No notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com