Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4520ARZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADR4520ARZ-R7
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4520ARZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADR4520ARZ-R7 Datasheet HTML 31Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 32Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 33Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 34Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 35Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 36Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 37Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 38Page - Analog Devices ADR4520ARZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. D | Page 35 of 40
Boosted Output Current Reference
Figure 109 shows a configuration for obtaining higher current
drive capability from the ADR4520/ADR4525/ADR4530/
ADR4533/ADR4540/ADR4550 references without sacrificing
accuracy. The op amp regulates the current flow through the
metal-oxide semiconductor field effect transistor (MOSFET)
until VOUT equals the output voltage of the reference; current is
then drawn directly from VIN instead of from the reference
itself, allowing increased current drive capability.
CL
CL
0.1µF
2N7002
AD8663
VIN
U6
VOUT
+16V
0.1µF
1µF
R1
100Ω
RL
200Ω
ADR4520/ADR4525/
ADR4530/ADR4533/
ADR4540/ADR4550
VIN
VOUT
GND
2
6
4
PART
NUMBER
MINIMUM
CL
ADR4520,
ADR4525
1.0µF
ADR4530,
ADR4533,
ADR4540,
ADR4550
0.1µF
Figure 109. Boosted Output Current Reference
Because the current sourcing capability of this circuit depends only
on the current rating of the MOSFET, the output drive
capability can be adjusted to the application simply by choosing
an appropriate MOSFET. In all cases, tie the VOUT pin directly to
the load device to maintain maximum output voltage accuracy.
LONG-TERM DRIFT
The stability of a precision signal path over its lifetime or between
calibration procedures is dependent on the long-term stability
of the analog components in the path, such as op amps, references,
and data converters. To help system designers predict the long-
term drift of circuits that use the ADR4520/ADR4525/ADR4530/
ADR4533/ADR4540/ADR4550, Analog Devices measured the
output voltage of multiple units for more than 4500 hours (more
than 6 months) using a high precision measurement system,
including an ultrastable oil bath. To replicate real-world system
performance, the devices under test (DUTs) were soldered onto
an FR4 PCB using a standard reflow profile (as defined in the
JEDEC J-STD-020D standard), rather than testing them in
sockets. This manner of testing is important because expansion
and contraction of the PCB can apply stress to the integrated
circuit (IC) package and contribute to shifts in the offset voltage.
Figure 110 shows the long-term drift of the ADR4520/
ADR4525/ADR4530/ADR4533/ADR4540/ADR4550. Sample 1,
Sample 2, and Sample 3 plot traces show sample units. The
mean drift after 4500 hours is 51 ppm. Note that the early life
drift (0 hours to 250 hours) accounts for 40% of the total drift
observed over 4500 hours, as shown in Figure 111. The first
1000 hours account for 50% of the total drift, and the remaining
3500 hours account for the remaining 50% of the drift. Thus, the
early life drift is the dominant contributor, whereas the drift
after 1000 hours is significantly lower.
0
500
1000
1500
2000
2500
3000
3500
4000
4500
TIME (Hours)
–150
–100
–50
0
50
100
150
MEAN
MEAN PLUS ONE STANDARD DEVIATION
MEAN MINUS ONE STANDARD DEVI ATION
SAMPLE 1
SAMPLE 2
SAMPLE 3
108 UNITS
TA = 25°C
Figure 110. Measured Long-Term Drift of the ADR4520/ADR4525/ADR4530/
ADR4533/ADR4540/ADR4550 over 4,500 Hours
0
50
100
150
200
250
TIME (Hours)
–50
–40
–30
–20
–10
0
10
20
30
40
50
108 UNITS
TA = 25°C
MEAN
MEAN PLUS ONE STANDARD DEVIATION
MEAN MINUS ONE STANDARD DEVI ATION
SAMPLE 1
SAMPLE 2
SAMPLE 3
Figure 111. Measured Early Life Drift of the ADR4520/ADR4525/ADR4530/
ADR4533/ADR4540/ADR4550
TIME (HOURS)
–40
0
1000
2000
3000
4000
5000
–30
–20
–10
0
10
20
30
40
54 UNITS
TA = 25°C
MEAN
MEAN PLUS ONE STANDARD DEVI ATION
MEAN MINUS ONE STANDARD DEVI ATION
SAMPLE 1
SAMPLE 2
SAMPLE 3
Figure 112. Measured Long-Term Drift of the ADR4525D/ADR4540D/
ADR4550D over 4,500 Hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com