Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4520BRZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADR4520BRZ-R7
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4520BRZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADR4520BRZ-R7 Datasheet HTML 32Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 33Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 34Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 35Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 36Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 37Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 38Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 39Page - Analog Devices ADR4520BRZ-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. D | Page 36 of 40
THERMAL HYSTERESIS
In addition to stability over time, as described in the Long-
Term Drift section, it is useful to know the thermal hysteresis,
that is, the stability vs. cycling of temperature. Thermal
hysteresis is an important parameter because it tells the system
designer how closely the signal returns to its starting amplitude
after the ambient temperature changes and the subsequent
return to room temperature. Figure 113 shows the change in
output voltage as the temperature cycles three times from room
temperature to +125°C to −40°C and back to room temperature.
In the three full cycles, the output hysteresis is typically −13 ppm.
The histogram in Figure 114 shows that the hysteresis is larger
when the device is cycled through only a half cycle, from room
temperature to 125°C and back to room temperature, typically
−97 ppm.
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
CYCLE 1
CYCLE 2
CYCLE 3
–250
–200
–150
–100
–50
50
0
100
150
200
250
Figure 113. Change in Output Voltage over Three Full Temperature Cycles
(−40°C to +125°C)
–200
–160
–120
–80
–40
0
40
80 100
OUTPUT VOLTAGE HYSTERESIS (ppm)
0
10
20
30
40
50
60
70
80
27 UNITS × 3 CYCLES
HALF CYCLE = +26°C, +125°C, +26°C
FULL CYCLE = +26°C, +125°C, +26°C, –40°C, +26°C
HALF CYCLE
FULL CYCLE
Figure 114. Histogram Showing the Temperature Hysteresis of the Output
Voltage (−40°C to +125°C)
Figure 115 shows the change in input offset voltage as the
temperature cycles three times from room temperature to
+70°C to 0°C and back to room temperature. In the three full
cycles, the output hysteresis is typically −8 ppm. The histogram
in Figure 116 shows that the hysteresis is larger when the device
is cycled through only a half cycle, from room temperature to
+70°C and back to room temperature, typically −17 ppm.
0
10
20
30
40
50
60
70
TEMPERATURE (°C)
CYCLE 1
CYCLE 2
CYCLE 3
Figure 115. Change in Output Voltage over Three Full Temperature Cycles
(0°C to 70°C)
–80 –70 –60 –50 –40 –30 –20 –10 0
10 20 30 40 50 60 70 80
OUTPUT VOLTAGE HYSTERESIS (ppm)
0
10
20
30
40
50
60
27 UNITS × 3 CYCLES
HALF CYCLE = 25°C, 70°C, 25°C
FULL CYCLE = 25°C, 70°C, 25°C, 0°C, 25°C
HALF CYCLE
FULL CYCLE
Figure 116. Histogram Showing the Temperature Hysteresis of the Output
Voltage (0°C to 70°C)
0
10
20
30
40
50
60
70
TEMPERATURE (°C)
CYCLE 1
CYCLE 2
CYCLE 3
CYCLE 4
Figure 117. D Grade Change in Output Voltage over Three Full Temperature
Cycles (0°C to 70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com