Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTSAT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTSAT
Description  Temperature Dependent Platinum Thin Film Chip Resistor (RTD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTSAT Datasheet(HTML) 1 Page - Vishay Siliconix

  PTSAT Datasheet HTML 1Page - Vishay Siliconix PTSAT Datasheet HTML 2Page - Vishay Siliconix PTSAT Datasheet HTML 3Page - Vishay Siliconix PTSAT Datasheet HTML 4Page - Vishay Siliconix PTSAT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PTS AT
www.vishay.com
Vishay Beyschlag
Revision: 25-Jun-2019
1
Document Number: 28899
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Temperature Dependent Platinum
Thin Film Chip Resistor (RTD)
DESIGN SUPPORT TOOLS AVAILABLE
PTS AT SMD flat chip temperature dependent resistors are
the perfect choice for temperature control of electronics
operating under varying environmental conditions. The
highly controlled platinum thin film manufacturing process
guarantees
an
outstanding
stability
of
temperature
characteristics which ensures reliable operation even under
harsh conditions. Typical applications include automotive,
aviation and industrial electronics.
FEATURES
• Standardized characteristics according to
IEC 60751
• AEC-Q200 qualified
• Short reaction times down to t0.9  2 s (in air)
• Outstanding stability of temperature
characteristic
• Superior temperature cycling robustness
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Temperature measurement and control in
• Automotive electronics
• Aviation electronics
• Industrial electronics
Notes
(1) Indicated measurement currents can be applied continuously with self-heating effect of less then 0.1 °C
(2) Valid for sensor element only, in low dissipative mode. Response time and self-heating are influenced by mounting materials as substrate,
solder lands, tracks and solders used
33
DD3 D
3D Models
Design Tools
Models
TECHNICAL SPECIFICATIONS
DESCRIPTION
PTS0603M
PTS0805M
PTS1206M
Resistance values R0 at 0 °C
100
100
, 500 
100
, 500 , 1000 
Temperature coefficient (0 °C to +100 °C), IEC60751
+3850 ppm/K
Tolerance classes
F0.3, F0.6
Temperature range
-55 °C to +175 °C
Long term stability |
R
0/R0|;
R0 change after 1000 h at +155 °C
 0.1 %
Insulation resistance
> 10 M
Measurement current Imeas. (DC) (1)
100
0.1 mA to 0.50 mA
0.1 mA to 1.0 mA
0.1 mA to 1.0 mA
500
-
0.1 mA to 0.40 mA
0.1 mA to 0.40 mA
1000
-
-
0.1 mA to 0.25 mA
Self-heating at 0 °C (2)
Calm air
(v = 0.0 m/s)
 0.9 K/mW
 0.8 K/mW
 0.7 K/mW
Thermal response time (2)
Flowing water
(v = 0.4 m/s)
t0.5  0.1 s
t0.5  0.2 s
t0.5  0.3 s
t0.9  0.2 s
t0.9  0.3 s
t0.9  0.4 s
Flowing air
(v = 3.0 m/s)
t0.5  1.0 s
t0.5  1.5 s
t0.5  2.0 s
t0.9  2.0 s
t0.9  3.0 s
t0.9  5.0 s
Failure rate: FITobserved
 0.5 x 10-9/h


Similar Part No. - PTSAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTSAT VISHAY-PTSAT Datasheet
108Kb / 5P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
PTSATAU VISHAY-PTSATAU Datasheet
581Kb / 5P
Gold Terminated Platinum SMD Flat Chip Temperature Sensor
29-Sep-2021
More results

Similar Description - PTSAT

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
platinum thin film thermal chip sensors
SDT73V2BTTE100F385 KOA-SDT73V2BTTE100F385 Datasheet
340Kb / 2P
platinum thin film thermal chip sensors (for automotive)
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
platinum thin film thermal sensors
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
TE Connectivity Ltd
PTF TEC-PTF Datasheet
350Kb / 8P
Platinum Thin Film (PTF) Temperature Elements
logo
Vishay Siliconix
PTS VISHAY-PTS_V01 Datasheet
120Kb / 6P
Temperature Dependent Platinum Thin Film Chip Resistor (RTD)
12-Feb-2019
logo
Honeywell Solid State E...
HEL-700 HONEYWELL-HEL-700_V01 Datasheet
823Kb / 7P
Thin Film Platinum RTDs
June 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com