Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNR304712 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNR304712
Description  LED LINE LIGHT SOURCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNR304712 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNR304712 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
384
LED LINE LIGHT SOURCE
LEDライン光源
Unit: mm
A4 Size LNR304712 Global Parts No. LNR304712
s 絶対最大定格 Absolute Maximum Ratings (Ta = 25°C)
項   目
電源電圧
逆方向電圧
消費電力
動作周囲温度
保存温度
Supply Voltage
Reverse Voltage
Power Consumption
Operating Ambient Temperature
Storage Temperature
Symbol
Item
VCC
VR
P
Topr
Tstg
定   格 Rating
25.2
32.0
2.27
− 10 ∼ + 50
− 30 ∼ + 75
Unit
V
V
W
°C
°C
s 推奨動作条件 Recommendable Operating Conditions
項   目
電源電圧
動作周囲温度
Supply Voltage
Operating Ambient Temperature
Symbol
Item
VCC
定   格 Rating
24.0
Unit
V
0
∼ + 40
°C
Topr
Symbol
VCC
IFt
L
EL
∆ EH
λ P
∆ λ
Condition
VCC = 24.0 V
VCC = 24.0 V
VCC = 24.0 V
VCC = 24.0 V
1chip IF = 20 mA
1chip IF = 20 mA
s 電気的光学的特性 Electro
−Optical Characteristics (T
a = 25°C)
項   目
電源電圧 Supply Voltage
Item
22.8
Unit
V
mA
mm
Lx
全順方向電流
有効照明長
原稿面照度
照度偏差
ピーク発光波長
スペクトル半値幅
Total Forward Current
Effective Illumination Length
Illuminance on Manuscription
Range of Collecting and Spreading Light
Peak Emission Wavelength
Spectral Band Width
min
24.0
typ
25.2
Max
565
30
nm
nm
90
%
20
21.6
20.0
4
− C1
LED
Resin
Resister
PCB
Read lands
(10.0)
(10.0)(1.5 Max)
227.5
± 0.5
1.0
原稿面照度
Illuminance on Manuscription
照度偏差
Illuminance Deviation
ピーク発光波長
Peak Emission Wavelength
RL = 1k
Ω
EL
EU
L
∆EH = (EU− EL)/(EU− EL) × 100(%)
λp
∆ λ
50%
100%
9.5 mm


Similar Part No. - LNR304712

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNR304803N PANASONIC-LNR304803N Datasheet
21Kb / 1P
LED LINE LIGHT SOURCE
More results

Similar Description - LNR304712

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN322114ALUN PANASONIC-LN322114ALUN Datasheet
19Kb / 1P
LED LINE LIGHT SOURCE
LN483126UN PANASONIC-LN483126UN Datasheet
20Kb / 1P
LED LINE LIGHT SOURCE
LN803169UNA-A4 PANASONIC-LN803169UNA-A4 Datasheet
20Kb / 1P
LED LINE LIGHT SOURCE
LN963185UNA-B4 PANASONIC-LN963185UNA-B4 Datasheet
20Kb / 1P
LED LINE LIGHT SOURCE
LNR304803N PANASONIC-LNR304803N Datasheet
21Kb / 1P
LED LINE LIGHT SOURCE
LNR314701 PANASONIC-LNR314701 Datasheet
18Kb / 1P
LED LINE LIGHT SOURCE
LNR314706 PANASONIC-LNR314706 Datasheet
24Kb / 1P
LED LINE LIGHT SOURCE
logo
Lumileds Lighting Compa...
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
power light source Luxeon Line
logo
CITIZEN ELECTRONICS CO....
CL-473S CITIZEN-CL-473S Datasheet
92Kb / 1P
LED For Flash Light Source
CL-473S CITIZEN-CL-473S Datasheet
296Kb / 1P
LED For Flash Light Source
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com