Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5232-1.7HTD Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5232-1.7HTD
Description  HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5232-1.7HTD Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5232-1.7HTD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5232-1.7HTD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5232-1.7HTD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5232-1.7HTD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5232-1.7HTD Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5232-1.7HTD Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Input Voltage (100mS 1%D.C.)
Input Voltage
Enable Voltage
Output Current
-20V to +60V
26V
-0.3V to 26V
4A
Storage Temperature Range . . -65°C to +150°C
Lead Temperature . . . . . . . .... .... ..3 0 0 ° C
(10 Seconds Soldering)
Operating Temperature
MSK 5232 Series . . . . . . . . . -40°C to +85°C
MSK 5232H/E Series . . . . . . . -55°C to +125°C
VINP
VIN
VEN
IOUT
TST
TLD
TJ
ABSOLUTE MAXIMUM RATINGS
2
Rev. D 8/05
Output Current Limit 2
Output Noise 2
Thermal Resistance 2
Thermal Shutdown 2
∆VOUT = -1%; IOUT = 100 mA
∆VOUT = -1%; IOUT = 3A
VIN = VOUT+5V
10 mA
≤ IOUT ≤ 2.5A
(VOUT +1V)
≤ VIN ≤ 26V
IOUT = 10 mA
VOUT = 0V; VIN = VOUT +1V
VIN = VOUT +1V; IOUT = 1.5A
VIN = VOUT +1V; IOUT = 3A
CL = 20µF; 10 HZ
≤ f ≤ 100 KHZ
Junction to Case @ 125°C
TJ
Ground Current
2
1
2, 3
1
1
1
2, 3
1
2, 3
1
1
1
-
-
-
Parameter
ELECTRICAL SPECIFICATIONS
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±0.5
±1.0
80
350
±0.2
±0.3
±0.05
±0.5
4.5
20
42
400
6.2
130
±1.0
±2.0
200
600
±1.0
±2.0
±0.5
±1.0
5.0
45
-
-
6.5
-
%
%
mV
mV
%
%
%
%
A
mA
mA
µV
°C/W
°C
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±0.5
-
80
350
±0.2
±0.3
±0.05
±0.5
4.5
20
42
400
6.2
130
±1.0
-
225
625
±1.2
-
±0.6
-
5.0
45
-
-
6.8
-
Group A
Subgroup
MSK 5232H/E SERIES
Min.
Typ.
Max.
MSK 5232 SERIES
Min.
Typ.
Max.
Units
Test Conditions 1 3
Output Voltage Tolerance
Dropout Voltage
2
Load Regulation
8
Line Regulation
IOUT = 10mA; VIN = VOUT +1V
+1.5V
+1.7V
+1.8V
+1.9V
+2.5V
+3.3V
+5.0V
+12.0V
OUTPUT
VOLTAGE
7
PART
NUMBER
1
2
3
4
5
6
7
8
NOTES:
Output decoupled to ground using 47µF minimum capacitor unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
Due to current limit, maximum output current may not be available at all values of VIN-VOUT and temperatures.
See typical performance curves for clarification.
TC = +25°C
TJ = +125°C
TA = -55°C
MSK5232-1.5
MSK5232-1.7
MSK5232-1.8
MSK5232-1.9
MSK5232-2.5
MSK5232-3.3
MSK5232-5.0
MSK5232-12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com