Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5232-3.3HTD Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5232-3.3HTD
Description  HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5232-3.3HTD Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5232-3.3HTD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5232-3.3HTD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5232-3.3HTD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5232-3.3HTD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5232-3.3HTD Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5232-3.3HTD Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
SERIES
ISO-9001 CERTIFIED BY DSCC
Hermetic Surface Mount Package Option
Extremely Low Dropout Voltage: 350mV @ 3 Amps
Available in 1.5V, 1.7V, 1.8V, 1.9V, 2.5V, 3.3V, 5.0V and 12.0V
On Board Thermal Shut Down
Reverse Battery and Load Dump Protection
Low Ground Current: 32mA Typical at Full Load
1% Maximum Guaranteed Accuracy
Output Current to 3 Amps
Alternate Output Voltages Available
Improved Replacement for 0M185SR
Available in Four Lead Configurations
Available with Top Tab or Tabless Package
DESCRIPTION:
The MSK 5232 series voltage regulators are available in +1.5V, +1.7V, +1.8V, +1.9V, +2.5V, +3.3V, +5.0V,
and +12.0V output configurations. All boast ultra low dropout specifications due to the utilization of a super PNP
output pass transistor with monolithic technology. Dropout voltages of 350mV at 3 amps are typical in this configu-
ration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output
voltage tolerance. The case of the MSK5232 series is electrically isolated for heat sinking purposes. The MSK5232
series is packaged in a space efficient 3 pin power package that is available lead formed for surface mount
applications. The device is also available in a power package with a top tab to accomodate direct mounting to a heat
sink.
EQUIVALENT SCHEMATIC
5232
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Powered Equipment
GND
VOUT
VIN
1
2
3
1
Rev. D 8/05
MIL-PRF-38534 CERTIFIED
HIGH CURRENT, LOW DROPOUT
SURFACE MOUNT
VOLTAGE REGULATORS
TOP TAB
NO TAB


Similar Part No. - MSK5232-3.3HTD

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5232-3.3HTD ANAREN-MSK5232-3.3HTD Datasheet
135Kb / 6P
HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5232-3.3HTD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5215-3.3H MSK-MSK5215-3.3H Datasheet
220Kb / 5P
HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5230-3.3H MSK-MSK5230-3.3H Datasheet
218Kb / 5P
HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-50 MSK-MSK5215-50 Datasheet
115Kb / 5P
HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-50 MSK-MSK5215-50 Datasheet
115Kb / 5P
HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-120 MSK-MSK5215-120 Datasheet
115Kb / 5P
HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5215 ANAREN-MSK5215 Datasheet
714Kb / 6P
HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5230 ANAREN-MSK5230 Datasheet
732Kb / 6P
HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232 ANAREN-MSK5232 Datasheet
135Kb / 6P
HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com