Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40C800DM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # B40C800DM
Description  Glass Passivated Ultrafast Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B40C800DM Datasheet(HTML) 3 Page - Vishay Siliconix

  B40C800DM Datasheet HTML 1Page - Vishay Siliconix B40C800DM Datasheet HTML 2Page - Vishay Siliconix B40C800DM Datasheet HTML 3Page - Vishay Siliconix B40C800DM Datasheet HTML 4Page - Vishay Siliconix B40C800DM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B40C800DM, B80C800DM, B125C800DM, B250C800DM, B380C800DM
www.vishay.com
Vishay General Semiconductor
Revision: 03-Sep-2020
3
Document Number: 88533
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curves Output Rectified Current for
B40C800D...B125C800DM
Fig. 2 - Derating Curves Output Rectified Current for
B250C800D...B360C800DM
Fig. 3 - Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
Fig. 4 - Typical Forward Characteristics Per Diode
Fig. 5 - Typical Reverse Leakage Characteristics Per Diode
Fig. 6 - Typical Junction Capacitance Per Diode
20
40
60
0.2
0.4
0.6
0.8
1.0
80
100
120
140
0
0
0 - 10 µF
10 - 100 µF
> 100 µF
Capacitive Load
Mounted on P.C.B. with 0.06
"
(1.5 mm) Lead Length
Copper Pads
0.51 x 0.51
" (13 x 13 mm)
50 to 60 Hz
Resistive or Inductive Load
Ambient Temperature (°C)
60
80
100
140
0
0.2
0.6
0.8
1.0
0.4
0
20
40
120
Capacitive Load
Mounted on P.C.B. with 0.06
"
(1.5 mm) Lead Length
Copper Pads
0.51 x 0.51
" (13 x 13 mm)
50 to 60 Hz
Resistive or Inductive Load
0 - 10 µF
10 - 100 µF
> 100 µF
Ambient Temperature (°C)
0
10
100
0
10
20
30
40
50
Number of Cycles at 50 Hz
T
J = 125 °C
10 ms Single Sine-Wave
1.0 Cycle
0.4
0.8
1.2
10
1
0.1
0.01
0.6
1.0
1.4
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 25 °C
1
10
100
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com