Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS282 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS282
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS282 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS282 Datasheet HTML 1Page - Vishay Siliconix BAS282 Datasheet HTML 2Page - Vishay Siliconix BAS282 Datasheet HTML 3Page - Vishay Siliconix BAS282 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS281, BAS282, BAS283
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 16-Nov-2021
2
Document Number: 85500
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Max. Reverse Power Dissipation vs.
Junction Temperature
Fig. 2 - Reverse Current vs. Junction Temperature
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Diode Capacitance vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 0.1 mA
VF
330
mV
IF = 1 mA
VF
410
mV
IF = 15 mA
VF
1000
mV
Reverse current
VR = VRmax.
IR
200
nA
Diode capacitance
VR = 1 V, f = 1 MHz
CD
1.6
pF
0
2
4
6
8
10
12
14
25
50
75
100
125
150
T
j - Junction Temperature (°C)
15794
V
R = 60 V
R
thJA = 540 K/W
PR
VR
- Limit at 100 %
P
R - Limit at 100 % VR
P
R - Limit at 80 % VR
0.1
100
1000
25
50
75
100
125
150
1
10
15795
VR = VRRM
Tj - Junction Temperature (°C)
0
0.5
1
1.5
2.0
VF - Forward Voltage (V)
15796
T
j = 25 °C
T
j = 125 °C
0.1
1
10
100
1000
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
V
R - Reverse Voltage (V)
15797
f = 1 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com