Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF01MA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DF01MA
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF01MA Datasheet(HTML) 1 Page - Vishay Siliconix

  DF01MA Datasheet HTML 1Page - Vishay Siliconix DF01MA Datasheet HTML 2Page - Vishay Siliconix DF01MA Datasheet HTML 3Page - Vishay Siliconix DF01MA Datasheet HTML 4Page - Vishay Siliconix DF01MA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DF005MA, DF01MA, DF02MA, DF04MA, DF06MA, DF08MA, DF10MA
www.vishay.com
Vishay General Semiconductor
Revision: 03-Sep-2020
1
Document Number: 88572
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Single-Phase Bridge Rectifiers
LINKS TO ADDITIONAL RESOURCES
FEATURES
• UL recognition, file number E54214
• Ideal for printed circuit boards
• Applicable for automated insertion
• High surge current capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: DFM
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body
PRIMARY CHARACTERISTICS
IF(AV)
1 A
VRRM
50 V, 100 V, 200 V, 400 V, 600 V,
800 V, 1000 V
IFSM
30 A
IR
5 μA
VF at IF = 1.0 A
1.1 V
TJ max.
150 °C
Package
DFM
Circuit configuration
Quad
~
~
Case Style DFM
~
~
333
DDD3 D
3D Models
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL DF005MA DF01MA DF02MA DF04MA DF06MA DF08MA DF10MA
UNIT
Device marking code
DFA005
DFA01
DFA02
DFA04
DFA06
DFA08
DFA10
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward output
rectified current at TA = 40 °C
IF(AV)
1.0
A
Peak forward surge current single
sine-wave superimposed on rated load
IFSM
30
A
Rating for fusing (t < 8.3 ms)
I2t4.5
A2s
Operating junction and storage
temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - DF01MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF01MA VISHAY-DF01MA Datasheet
96Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
14-Jan-08
DF01MA VISHAY-DF01MA Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
DF01MA-E3/45 VISHAY-DF01MA-E3/45 Datasheet
80Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
More results

Similar Description - DF01MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF005MA VISHAY-DF005MA Datasheet
96Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
14-Jan-08
B2M VISHAY-B2M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
DF005MA VISHAY-DF005MA_13 Datasheet
80Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_V01 Datasheet
89Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com