Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DF005S
Description  Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF005S Datasheet(HTML) 4 Page - Vishay Siliconix

  DF005S Datasheet HTML 1Page - Vishay Siliconix DF005S Datasheet HTML 2Page - Vishay Siliconix DF005S Datasheet HTML 3Page - Vishay Siliconix DF005S Datasheet HTML 4Page - Vishay Siliconix DF005S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DF005S, DF01S, DF02S, DF04S, DF06S, DF08S, DF10S
www.vishay.com
Vishay General Semiconductor
Revision: 09-Jul-2020
4
Document Number: 88573
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Mounting Pad La yout
0.255 (6.5)
0.245 (6.2)
0.013 (0.330)
0.009 (0.241)
0.060 (1.524)
0.040 (1.016)
0.404 (10.3)
0.013 (0.330)
0.003 (0.076)
0.047 (1.20)
0.040 (1.02)
0.205 (5.2)
0.195 (5.0)
0.335 (8.51)
0.320 (8.13)
0.130 (3.3)
0.120 (3.05)
45°
0.386 (9.80)
Case Style DFS
0.404 MAX.
(10.26 MAX.)
0.205 (5.2)
0.195 (5.0)
0.047 MIN.
(1.20 MIN.)
0.060 MIN.
(1.52 MIN.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com