Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DF06S
Description  Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF06S Datasheet(HTML) 1 Page - Vishay Siliconix

  DF06S Datasheet HTML 1Page - Vishay Siliconix DF06S Datasheet HTML 2Page - Vishay Siliconix DF06S Datasheet HTML 3Page - Vishay Siliconix DF06S Datasheet HTML 4Page - Vishay Siliconix DF06S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DF005S, DF01S, DF02S, DF04S, DF06S, DF08S, DF10S
www.vishay.com
Vishay General Semiconductor
Revision: 09-Jul-2020
1
Document Number: 88573
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Single-Phase
Surface-Mount Bridge Rectifiers
LINKS TO ADDITIONAL RESOURCES
FEATURES
• UL recognition, file number E54214
• Ideal for automated placement
• High surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: DFS
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body
Note
(1) Units mounted on PCB with 0.51" x 0.51" (13 mm x 13 mm) copper pads
PRIMARY CHARACTERISTICS
IF(AV)
1 A
VRRM
50 V, 100 V, 200 V, 400 V, 600 V,
800 V, 1000 V
IFSM
50 A
IR
5 μA
VF at IF = 1.0 A
1.1 V
TJ max.
150 °C
Package
DFS
Circuit configuration
Quad
~
~
Case Style DFS
~
~
333
DDD3 D
3D Models
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
DF005S
DF01S
DF02S
DF04S
DF06S
DF08S
DF10S
UNIT
Device marking code
DF005S
DF01S
DF02S
DF04S
DF06S
DF08S
DF10S
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward output rectified current
at TA = 40 °C (1)
IF(AV)
1.0
A
Peak forward surge current single half sine-wave
superimposed on rated load
IFSM
50
A
Rating for fusing (t < 8.3 ms)
I2t10
A2s
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - DF06S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF06S WTE-DF06S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF06S ZOWIE-DF06S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF06S JGD-DF06S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF06S SSE-DF06S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF06S FAIRCHILD-DF06S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

Similar Description - DF06S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DB106SG CYSTEKEC-DB106SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
MB4ST08 CYSTEKEC-MB4ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com