Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDF1CS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EDF1CS
Description  Miniature Glass Passivated Ultrafast Surface-Mount Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EDF1CS Datasheet(HTML) 1 Page - Vishay Siliconix

  EDF1CS Datasheet HTML 1Page - Vishay Siliconix EDF1CS Datasheet HTML 2Page - Vishay Siliconix EDF1CS Datasheet HTML 3Page - Vishay Siliconix EDF1CS Datasheet HTML 4Page - Vishay Siliconix EDF1CS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EDF1AS, EDF1BS, EDF1CS, EDF1DS
www.vishay.com
Vishay General Semiconductor
Revision: 09-Jul-2020
1
Document Number: 88578
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Ultrafast
Surface-Mount Bridge Rectifiers
LINKS TO ADDITIONAL RESOURCES
FEATURES
• UL recognition, file number E54214
• Ideal for automated placement
• Glass passivated pellet chip junction
• Ultrafast
reverse
recovery
time
for
high
frequency
• High surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: DFS
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body
Note
(1) Pulse test: 300 ms pulse width, 1 % duty cycle
PRIMARY CHARACTERISTICS
IF(AV)
1 A
VRRM
50 V, 100 V, 150 V, 200 V
IFSM
50 A
IR
5 μA
VF at IF = 1.0 A
1.05 V
trr
50 ns
TJ max.
150 °C
Package
DFS
Circuit configuration
Quad
~
~
Case Style DFS
~
~
333
DDD3 D
3D Models
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL EDF1AS EDF1BS EDF1CS EDF1DS
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
106
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward output rectified current at TA = 40 °C (1)
IF(AV)
1.0
A
Peak forward surge current single half sine-wave superimposed on rated load
IFSM
50
A
Rating for fusing (t < 8.3 ms)
I2t10
A2s
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - EDF1CS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EDF1CS GE-EDF1CS Datasheet
84Kb / 2P
MINIATURE GLASS PASSIVATED FAST EFFICIENT SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
EDF1CS VISHAY-EDF1CS Datasheet
105Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
30-Jan-08
EDF1CS VISHAY-EDF1CS Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast
19-Aug-13
EDF1CS VISHAY-EDF1CS Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
19-Aug-13
EDF1CS-E3/45 VISHAY-EDF1CS-E3/45 Datasheet
86Kb / 5P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
25-Feb-16
More results

Similar Description - EDF1CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
EDF1AS VISHAY-EDF1AS Datasheet
105Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
30-Jan-08
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
EDF1BS-E3-77 VISHAY-EDF1BS-E3-77 Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
19-Aug-13
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
EDF1AS VISHAY-EDF1AS_16 Datasheet
86Kb / 5P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
25-Feb-16
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com