Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32101EVKIT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32101EVKIT
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32101EVKIT Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32101EVKIT Datasheet HTML 1Page - Vishay Siliconix SIP32101EVKIT Datasheet HTML 2Page - Vishay Siliconix SIP32101EVKIT Datasheet HTML 3Page - Vishay Siliconix SIP32101EVKIT Datasheet HTML 4Page - Vishay Siliconix SIP32101EVKIT Datasheet HTML 5Page - Vishay Siliconix SIP32101EVKIT Datasheet HTML 6Page - Vishay Siliconix SIP32101EVKIT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SiP32101
www.vishay.com
Vishay Siliconix
Revision: 13-Mar-14
2
Document Number: 62935
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Input Capacitor and Output Capacitor:
The capacitor C1 and C2 are mounted right next the
device to ensure stable voltage right before and after the
SiP32101 load switch. The capacitances of these capacitors
are 0.1 μF, 6.3 V.
Enable Terminal Header:
The header SW1 is directly connected to the EN pin of the
device (see fig. 1). The EN pin can be toggled to both Power
Port A and Power Port B by jumper. For whichever port is
input of the device, the EN pin should be connected that
port to shut down the device. The SiP32101 is activated low
enable. The enable threshold voltage is 1.4 V and the disable
threshold voltage is 0.4 V or lower.
Power Port Voltage Sense:
K-B (J4) and K-A (J3) header pins on the demo board
provide the Kelvin connection for voltage senses connected
right on the Power Port A and Power Port B. They are used
to measure the voltage drop across the device. The RDS(on)
of the device can be calculated by the measured voltage
drop and load current.
SW2 and SW3:
The resistors R1 and R3 are 1 k
Ω dummy load on the board
for easy test of the enable function of the device. Setting
jumper on SW2 will connect R1 to Power Port B. Setting
jumper on SW3 will connect R3 to Power Port A.
POWER UP PROCEDURE
SiP32101 is bi-directional switch. Either power port can be
input or output.
For port B as input, port A as output; connect positive lead
of the power supply to header terminal J1 (Port B). Connect
the negative lead of the power supply to header terminal J5
as ground. The voltage range of the power supply is
between 2.3 V to 5.5 V as the input voltage of the device.
Output load can be applied to header terminal J2 (Port A)
and J5 as ground. The maximum load of SiP32101 demo
board is rated for maximum current of 5 A. SiP32101 is
active high to shut down the device. To shut down the
device, EN pin of header terminal can be connected to input
(port B) of the device by using jumper to short EN pin and
Port B pin on SW1. The EN pin on SW1 must connect to
input instead of output.
For Port A as input, Port B as output, connect positive lead
of the power supply to the header terminal J2 (Port A).
Connect the negative lead of the power supply to header
terminal J5 as ground. To shut down the device, EN pin of
header terminal can be connected to input (port A) of the
device by using jumper to short EN pin and Port A pin on
SW1. The EN pin on SW1 must connect to input instead of
output.
COMMON TESTS PERFORMED ON THE EVALUATION BOARD
RDS(on) Measurement Setup
The following fig. 2 shows the typical RDS(on) measurement
setup. The dropout voltage of the switch is measured on the
power port voltage sense K-B (J4) and K-A (J3). The RDS(on)
can be figured out by dividing the dropout voltage by the
output load current.
Fig. 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com