Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC16B-H/SN Datasheet(PDF) 21 Page - Microchip Technology

Part # 24LC16B-H/SN
Description  16-Kbit I2C Serial EEPROM High Temp Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16B-H/SN Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24LC16B-H/SN Datasheet HTML 16Page - Microchip Technology 24LC16B-H/SN Datasheet HTML 17Page - Microchip Technology 24LC16B-H/SN Datasheet HTML 18Page - Microchip Technology 24LC16B-H/SN Datasheet HTML 19Page - Microchip Technology 24LC16B-H/SN Datasheet HTML 20Page - Microchip Technology 24LC16B-H/SN Datasheet HTML 21Page - Microchip Technology 24LC16B-H/SN Datasheet HTML 22Page - Microchip Technology 24LC16B-H/SN Datasheet HTML 23Page - Microchip Technology 24LC16B-H/SN Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006054B-page 21
24LC16B
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape and Reel
Device
Device:
24LC16B
=
2.5V, 16-Kbit I2C Serial EEPROM
Tape and Reel
Option:
Blank
=
T
=
Standard packaging (tube)
Tape and Reel
Temperature
Range:
H=
-40
C to +150C (High)
Package:
SN
=
OT
=
Plastic Small Outline - Narrow, 3.90 mm Body,
8-Lead (SOIC)
Plastic Small Outline Transistor – 5-Lead
(SOT-23) (Tape and Reel only)
Examples
a)
24LC16B-H/SN:
16-Kbit I2C Serial EEPROM,
High temp., SOIC package.
b)
24LC16BT-H/SN:
16-Kbit I2C Serial EEPROM,
Tape and Reel, High temp., SOIC package.
c)
24LC16BT-H/OT:
16-Kbit, I2C Serial EEPROM,
Tape and Reel, High temp., SOT-23 package.
Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not printed
on the device package. Check with your Micro-
chip Sales Office for package availability with
the Tape and Reel option.
(1)
(1)
–X
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com