Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100ELT23 Datasheet(PDF) 3 Page - Microchip Technology

Part # SY100ELT23
Description  Dual Differential PECL-to-TTL Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY100ELT23 Datasheet(HTML) 3 Page - Microchip Technology

  SY100ELT23 Datasheet HTML 1Page - Microchip Technology SY100ELT23 Datasheet HTML 2Page - Microchip Technology SY100ELT23 Datasheet HTML 3Page - Microchip Technology SY100ELT23 Datasheet HTML 4Page - Microchip Technology SY100ELT23 Datasheet HTML 5Page - Microchip Technology SY100ELT23 Datasheet HTML 6Page - Microchip Technology SY100ELT23 Datasheet HTML 7Page - Microchip Technology SY100ELT23 Datasheet HTML 8Page - Microchip Technology SY100ELT23 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2019 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006235B-page 3
SY100ELT23
AC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VCC = VCC (Min.) to VCC (Max.); Values valid from –40°C to +85°C unless otherwise
noted.
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Maximum Input
Frequency
fMAX
160
—
—
MHz CL = 50 pF
Propagation Delay
D to Output Q
tPLH, tPHL
2.5
3.0
3.5
ns
CL = 50 pF
Part-to-Part Skew
tSKPP
—
—
0.5
ns
CL = 50 pF, Note 2, Note 5
Within-Device Skew
tSKEW++
—
—
0.3
ns
CL = 50 pF, Note 3, Note 5
tSKEW––
—
—
CL = 50 pF, Note 4, Note 5
Input Swing
VPP
200
—
1000
mV
Note 6
Output Rise/Fall Time
(1.0V to 2.0V)
tr/tf
—
—
1.5
ns
CL = 50 pF
Note 1: Parametric values specified at 5V power supply range for ELT23 series: +4.5V to +5.5V.
2: Part-to-Part skew considering High-to-High transitions at common VCC level
3: Within-Device skew considering High-to-High transitions at common VCC level.
4: Within-Device skew considering Low-to-Low transitions at common VCC level.
5: All skew parameters are guaranteed, but not tested.
6: Input swing for which AC parameters are guaranteed.200 mV input guarantees full logic at output.
TEMPERATURE SPECIFICATIONS
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Ambient Operating Temperature
TA
–40
—
+85
°C
—
Storage Temperature
TS
–65
—
+150
°C
—
Lead Temperature
—
—
—
+260
°C
Soldering, 20 sec.
TRUTH TABLE
D
/D
Q
L
H
L
H
L
H
Open
Open
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com