Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB251XB Datasheet(PDF) 15 Page - Microchip Technology

Part # USB251XB
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB251XB Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB251XB Datasheet HTML 11Page - Microchip Technology USB251XB Datasheet HTML 12Page - Microchip Technology USB251XB Datasheet HTML 13Page - Microchip Technology USB251XB Datasheet HTML 14Page - Microchip Technology USB251XB Datasheet HTML 15Page - Microchip Technology USB251XB Datasheet HTML 16Page - Microchip Technology USB251XB Datasheet HTML 17Page - Microchip Technology USB251XB Datasheet HTML 18Page - Microchip Technology USB251XB Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00001692D-page 15
USB251xB/xBi
3.3.1.1
Non-Removable
If a strap pin’s buffer type is I/O, an external pull-up or pull-down must be implemented as shown in Figure 3-4. Use
Strap High to set the strap option to 1 and Stap Low to set the strap option to 0. When implementing the Strap Low
option, no additional components are needed (i.e., the internal pull-down provides the resistor).
3.3.1.2
Internal Pull-Down (IPD)
If a strap pin’s buffer type is IPD (pins BC_EN[x:1]), one of the two hardware configurations outlined below must be
implemented. Use the Strap High configuration to set the strap option value to 1 and Strap Low to set the strap option
value to 0.
3.3.1.3
LED
If a strap pin’s buffer type is I/O and shares functionality with an LED, the hardware configuration outlined below must
be implemented. The internal logic will drive the LED appropriately (active high or low) depending on the sampled strap
option. Use the Strap High configuration to set the strap option value to 1 and Strap Low to set the strap option to 0.
FIGURE 3-4:
NON-REMOVABLE PIN STRAP EXAMPLE
FIGURE 3-5:
PIN STRAP OPTION WITH IPD PIN EXAMPLE
FIGURE 3-6:
LED PIN STRAP EXAMPLE
HUB
HUB
I/O Strap Pin
Strap High
+V
I/O Strap Pin
Strap Low
GND
R k
R k
HUB
HUB
IPD Strap Pin
Strap High
R k
+V
VSS
IPD Strap Pin
Strap Low
VSS
HUB
HUB
Strap Pin
LED/
Strap High
Strap Pin
LED/
Strap Low
R
k
R
k
+V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com