Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB5742
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB5742 Datasheet HTML 12Page - Microchip Technology USB5742 Datasheet HTML 13Page - Microchip Technology USB5742 Datasheet HTML 14Page - Microchip Technology USB5742 Datasheet HTML 15Page - Microchip Technology USB5742 Datasheet HTML 16Page - Microchip Technology USB5742 Datasheet HTML 17Page - Microchip Technology USB5742 Datasheet HTML 18Page - Microchip Technology USB5742 Datasheet HTML 19Page - Microchip Technology USB5742 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
USB5742
DS00002016G-page 16
 2022 Microchip Technology Inc. and its subsidiaries
3.4
Configuration Straps and Programmable Functions
Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset
(RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following de-
assertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the various
device configuration straps and associated programmable pin functions.
3.4.1
SPI/SMBUS CONFIGURATION
The SPI/SMBus pins can be configured into one of two functional modes:
• SPI Mode
• SMBus Slave Mode
If 10 k
 pull-up resistors are detected on SPI_DO and SPI_CLK, the SPI/SMBus pins are configured into SMBus Slave
Mode. If no pull-ups or pull-downs are detected on SPI_DO and SPI_CLK, the SPI/SMBus pins are first configured into
SPI Mode. The strap settings for these supported modes are detailed in Table 3-10. The individual pin function assign-
ments for each mode are detailed in Table 3-11. For additional device connection information, refer to Section 4.0,
"Device Connections".
Note 4: In order to use the SPI interface, an SPI ROM containing a valid signature of 2DFU (device firmware
upgrade) beginning at address 0xFFFA must be present. Refer to Section 7.1, "SPI Master Interface" for
additional information.
Note:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 10.6.2, "Power-On and Configuration Strap Timing," on page 35 and Section 10.6.3, "Reset and
Configuration Strap Timing," on page 36. If configuration straps are not at the correct voltage level prior to
being latched, the device may capture incorrect strap values.
TABLE 3-10:
SPI/SMBUS MODE CONFIGURATION SETTINGS
Pin
SPI Mode
(Note 4)
SMBus Slave Mode
39
(SPI_DO)
No pull-up/down
10 k
 pull-up
38
(SPI_CLK)
No pull-up/down
10 k
 pull-up
TABLE 3-11:
SPI/SMBUS MODE PIN ASSIGNMENTS
Pin
SPI Mode
SMBus Slave Mode
41
SPI_CE_N
CFG_NON_REM
40
SPI_DI
CFG_BC_EN
39
SPI_DO
SMDAT
38
SPI_CLK
SMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com