Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8702SCO2V02S Datasheet(PDF) 2 Page - Schneider Electric

Part # 8702SCO2V02S
Description  NEMA Contactor, Type S, reversing, horizontal, Size 1, 27A, 3 HP at 230 VAC, single phase, 2 pole, 120 VAC coil, open style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8702SCO2V02S Datasheet(HTML) 2 Page - Schneider Electric

  8702SCO2V02S Datasheet HTML 1Page - Schneider Electric 8702SCO2V02S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Certifications
UL Listed
CSA
Ordering and shipping details
Category
21272 - 8702,36 SC,SD(NOT S*R,T,W)
Discount Schedule
CP1
GTIN
785901014836
Nbr. of units in pkg.
1
Package weight(Lbs)
11.00 lb(US) (4.99 kg)
Returnability
No
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
5.00 in (12.7 cm)
Package 1 width
7.13 in (18.1 cm)
Package 1 Length
5.31 in (13.5 cm)
Offer Sustainability
EU RoHS Directive
Not compliant
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Contractual warranty
Warranty
18 months
2
May 19, 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com