Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8702SCO2V03 Datasheet(PDF) 1 Page - Schneider Electric

Part # 8702SCO2V03
Description  NEMA Contactor, Type S, reversing, Size 1, 27A, 2 pole, single phase, horizontal, 220/240 VAC 50/60 Hz coil, open style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8702SCO2V03 Datasheet(HTML) 1 Page - Schneider Electric

  8702SCO2V03 Datasheet HTML 1Page - Schneider Electric 8702SCO2V03 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Contactor, Type S, reversing,
Size 1, 27A, 2 pole, single phase,
horizontal, 220/240 VAC 50/60 Hz
coil, open style
8702SCO2V03
Product availability : Stock - Normally stocked in distribution
facility
Price* : 1,139.00 USD
Main
Product Type
Contactor
Product Range
Type S
Contactor Type
Reversing
Complementary
NEMA Size
1
Rated Current
27 A
Number of Poles
2P
Mounting Orientation
Horizontal
Wiring Mode
3 wires
Maximum Voltage Rating
600 V AC
Phase
1 phase
Horsepower Rating
3 HP 230 V AC
2 HP 115 V AC
Coil Voltage
220 V AC 50 Hz
240 V AC 60 Hz
Control Circuit Type
Common control circuit
Control Units
No control units
Other Equipment
Fuse not supplied
Terminal Type
Screw clamp terminals
Height
5.00 in (127 mm)
Width
7.13 in (181 mm)
Depth
5.31 in (135 mm)
Environment
Enclosure Type
Not rated (open device)
Certifications
CSA
UL Listed
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 19, 2022
1


Similar Part No. - 8702SCO2V03

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8702SCO2V02S SCHNEIDER-8702SCO2V02S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 1, 27A, 3 HP at 230 VAC, single phase, 2 pole, 120 VAC coil, open style
May 19, 2022
More results

Similar Description - 8702SCO2V03

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8702SBO12V03 SCHNEIDER-8702SBO12V03 Datasheet
136Kb / 2P
NEMA Contactor, Type S, reversing, Size 0, 18A, 3 pole, 3 phase, vertical, 220/240 VAC 50/60 Hz coil, open style
May 16, 2022
8702SBO1V02 SCHNEIDER-8702SBO1V02 Datasheet
132Kb / 2P
NEMA Contactor, Type S, reversing, Size 0, 18A, 2 pole, single phase, horizontal, 110/120 VAC 50/60 Hz coil, open style
May 16, 2022
8702SCO2V02S SCHNEIDER-8702SCO2V02S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 1, 27A, 3 HP at 230 VAC, single phase, 2 pole, 120 VAC coil, open style
May 19, 2022
8702SCO8V08S SCHNEIDER-8702SCO8V08S Datasheet
65Kb / 2P
NEMA Contactor, Type S, reversing, Size 1, 27A, 3 pole, 3 phase, horizontal, 208 VAC 60 Hz coil, open style
May 19, 2022
8702SCW11V02 SCHNEIDER-8702SCW11V02 Datasheet
65Kb / 2P
NEMA Contactor, Type S, reversing, Size 1, 27A, 2 pole, single phase, horizontal, 110/120 VAC 50/60 Hz coil, NEMA4/4X
May 19, 2022
8702SEO2V02SX1111 SCHNEIDER-8702SEO2V02SX1111 Datasheet
152Kb / 2P
NEMA Contactor, Type S, reversing, Size 3, 90A, 3 pole, 3 phase, horizontal, 110/120 VAC 50/60 Hz coil, open style
May 19, 2022
8702SFO3V07 SCHNEIDER-8702SFO3V07 Datasheet
151Kb / 2P
NEMA Contactor, Type S, reversing, Size 4, 135A, 3 pole, 3 phase, horizontal, 550/600 VAC 50/60 Hz coil, open style
May 19, 2022
8702SGO3V02SX1111 SCHNEIDER-8702SGO3V02SX1111 Datasheet
66Kb / 2P
NEMA Contactor, Type S, reversing, Size 5, 270A, 3 pole, 3 phase, horizontal, 110/120 VAC 50/60 Hz coil, open style
May 19, 2022
8702SGO3V08 SCHNEIDER-8702SGO3V08 Datasheet
68Kb / 2P
NEMA Contactor, Type S, reversing, Size 5, 270A, 3 pole, 3 phase, horizontal, 208 VAC 60 Hz coil, open style
May 19, 2022
8702SHO1V06 SCHNEIDER-8702SHO1V06 Datasheet
152Kb / 2P
NEMA Contactor, Type S, reversing, Size 6, 540A, 3 pole, 3 phase, horizontal, 440/480 VAC 50/60 Hz coil, open style
May 19, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com