Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8702SDO2V01S Datasheet(PDF) 1 Page - Schneider Electric

Part # 8702SDO2V01S
Description  NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 24 VAC coil, open style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8702SDO2V01S Datasheet(HTML) 1 Page - Schneider Electric

  8702SDO2V01S Datasheet HTML 1Page - Schneider Electric 8702SDO2V01S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Contactor, Type S, reversing,
horizontal, Size 2, 45A, 25 HP at
575 VAC, 3 phase, 3 pole, 24 VAC
coil, open style
8702SDO2V01S
Product availability : Non-Stock - Not normally stocked in
distribution facility
Main
Product Type
Contactor
Product Range
Type S
Contactor Type
Reversing
Complementary
NEMA Size
2
Rated Current
45 A
Number of Poles
3P
Mounting Orientation
Horizontal
Wiring Mode
3 wires
Maximum Voltage Rating
600 V AC
Phase
3 phase
Horsepower Rating
10 HP 200 V AC
15 HP 230 V AC
25 HP 460 V AC
25 HP 575 V AC
SCCR
Circuit-breaker 100 A maximum, SCCR: 100 kA at 480 V AC
Fuse J 100 A maximum, SCCR: 100 kA at 600 V AC
Fuse T 100 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK1 100 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK5 100 A maximum, SCCR: 100 kA at 600 V AC
Coil Voltage
24 V AC 60 Hz
Control Circuit Type
Separate control circuit
Control Units
No control units
Pilot Light
No indicator
Other Equipment
Fuse not supplied
Terminal Type
Screw clamp terminals
Height
6.88 in (174.75 mm)
Width
9.00 in (228.60 mm)
Depth
6.03 in (153.16 mm)
 
May 19, 2022
1


Similar Part No. - 8702SDO2V01S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8702SDO2V02S SCHNEIDER-8702SDO2V02S Datasheet
143Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SDO2V02SX1111 SCHNEIDER-8702SDO2V02SX1111 Datasheet
143Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 19, 2022
8702SDO2V03 SCHNEIDER-8702SDO2V03 Datasheet
142Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 240 VAC coil, open style
May 16, 2022
8702SDO2V06 SCHNEIDER-8702SDO2V06 Datasheet
142Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 480 VAC coil, open style
May 19, 2022
More results

Similar Description - 8702SDO2V01S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8702SAO4V02S SCHNEIDER-8702SAO4V02S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 00, 9A, 2 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SAO4V08 SCHNEIDER-8702SAO4V08 Datasheet
137Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 00, 9A, 2 HP at 575 VAC, 3 phase, 3 pole, 208 VAC coil, open style
May 16, 2022
8702SBO4V01S SCHNEIDER-8702SBO4V01S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 0, 18A, 5 HP at 575 VAC, 3 phase, 3 pole, 24 VAC coil, open style
May 16, 2022
8702SCO8V01S SCHNEIDER-8702SCO8V01S Datasheet
137Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 1, 27A, 10 HP at 575 VAC, 3 phase, 3 pole, 24 VAC coil, open style
May 16, 2022
8702SDO2V02S SCHNEIDER-8702SDO2V02S Datasheet
143Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SDO2V03 SCHNEIDER-8702SDO2V03 Datasheet
142Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 240 VAC coil, open style
May 16, 2022
8702SEO2V02S SCHNEIDER-8702SEO2V02S Datasheet
154Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 3, 90A, 50 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SDO2V02SX1111 SCHNEIDER-8702SDO2V02SX1111 Datasheet
143Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 19, 2022
8702SDO2V06 SCHNEIDER-8702SDO2V06 Datasheet
142Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 480 VAC coil, open style
May 19, 2022
8702SEO2V01S SCHNEIDER-8702SEO2V01S Datasheet
151Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 3, 90A, 50 HP at 575 VAC, 3 phase, 3 pole, 24 VAC coil, open style
May 19, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com