Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8702SDO2V02SX1111 Datasheet(PDF) 1 Page - Schneider Electric

Part # 8702SDO2V02SX1111
Description  NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8702SDO2V02SX1111 Datasheet(HTML) 1 Page - Schneider Electric

  8702SDO2V02SX1111 Datasheet HTML 1Page - Schneider Electric 8702SDO2V02SX1111 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Contactor, Type S, reversing,
horizontal, Size 2, 45A, 25 HP at
575 VAC, 3 phase, 3 pole, 120 VAC
coil, open style
8702SDO2V02SX1111
Product availability : Non-Stock - Not normally stocked in
distribution facility
Main
Product Type
Contactor
Product Range
Type S
Contactor Type
Reversing
Complementary
NEMA Size
2
Rated Current
45 A
Number of Poles
3P
Mounting Orientation
Horizontal
Wiring Mode
3 wires
Maximum Voltage Rating
600 V AC
Phase
3 phase
Horsepower Rating
10 HP 200 V AC
15 HP 230 V AC
25 HP 460 V AC
25 HP 575 V AC
SCCR
Circuit-breaker 100 A maximum, SCCR: 100 kA at 480 V AC
Fuse J 100 A maximum, SCCR: 100 kA at 600 V AC
Fuse T 100 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK1 100 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK5 100 A maximum, SCCR: 100 kA at 600 V AC
Coil Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Control Circuit Type
Separate control circuit
Control Units
No control units
Pilot Light
No indicator
Auxiliary Contacts
1 NO + 1 NC reverse
1 NO + 1 NC forward
Other Equipment
Fuse not supplied
Terminal Type
Screw clamp terminals
Height
6.88 in (174.75 mm)
Width
9.00 in (228.60 mm)
Depth
6.03 in (153.16 mm)
 
May 19, 2022
1


Similar Part No. - 8702SDO2V02SX1111

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8702SDO2V02S SCHNEIDER-8702SDO2V02S Datasheet
143Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
More results

Similar Description - 8702SDO2V02SX1111

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8702SAO4V02S SCHNEIDER-8702SAO4V02S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 00, 9A, 2 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SBO4V02S SCHNEIDER-8702SBO4V02S Datasheet
139Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 0, 18A, 5 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SDO2V02S SCHNEIDER-8702SDO2V02S Datasheet
143Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SDO2V03 SCHNEIDER-8702SDO2V03 Datasheet
142Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 240 VAC coil, open style
May 16, 2022
8702SEO2V02S SCHNEIDER-8702SEO2V02S Datasheet
154Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 3, 90A, 50 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SFO3V02S SCHNEIDER-8702SFO3V02S Datasheet
154Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 4, 135A, 100 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SGO3V02S SCHNEIDER-8702SGO3V02S Datasheet
154Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 5, 270A, 200 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SCO8V02SX1111 SCHNEIDER-8702SCO8V02SX1111 Datasheet
146Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 1, 27A, 10 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 19, 2022
8702SDO2V01S SCHNEIDER-8702SDO2V01S Datasheet
141Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 24 VAC coil, open style
May 19, 2022
8702SDO2V06 SCHNEIDER-8702SDO2V06 Datasheet
142Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 480 VAC coil, open style
May 19, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com