Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5059GP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N5059GP
Description  Glass Passivated Junction Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5059GP Datasheet(HTML) 2 Page - Vishay Siliconix

  1N5059GP Datasheet HTML 1Page - Vishay Siliconix 1N5059GP Datasheet HTML 2Page - Vishay Siliconix 1N5059GP Datasheet HTML 3Page - Vishay Siliconix 1N5059GP Datasheet HTML 4Page - Vishay Siliconix 1N5059GP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N5059GP, 1N5060GP, 1N5061GP, 1N5062GP
www.vishay.com
Vishay General Semiconductor
Not for New Designs
Revision: 05-Oct-2021
2
Document Number: 88513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) JEDEC registered values
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
1N5059GP
1N5060GP
1N5061GP
1N5062GP
UNIT
Max. instantaneous forward voltage
1.0 A
TA = 75 °C
VF (1)
1.2
V
Maximum DC reverse current at rated
DC blocking voltage
TA = 25 °C
IR (1)
5.0
μA
TA = 175 °C
300
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
2.0
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
1N5059GP
1N5060GP
1N5061GP
1N5062GP
UNIT
Typical thermal resistance
RθJA
(1)
45
°C/W
RθJL
(1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
1N5061GP-E3/54
0.425
54
4000
13" diameter paper tape and reel
1N5061GP-E3/73
0.425
73
2000
Ammo pack packaging



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com