Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA170 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA170
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA170 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA170 Datasheet HTML 1Page - Panasonic Semiconductor MA170 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switching Diodes
2
MA2B170, MA2B171
IF  VF
Ct  VR
VF  Ta
Common characteristics charts
IR  VR
IR  Ta
Characteristics charts of MA2B170
IR  VR
IR  Ta
0.01
0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1 000
Forward voltage V
F
(V)
Ta
= 150°C
75
°C
25
°C
0.001
0
1020304050
60
0.01
0.1
1
10
100
Reverse voltage V
R
(V)
Ta
= 150°C
25
°C
75
°C
0.001
0
20406080
100
120
0.01
0.1
1
10
100
Reverse voltage V
R
(V)
Ta
= 150°C
25
°C
75
°C
0
−40
180
80
120
40
160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Ambient temperature T
a
(
°C)
IF
= 10 mA
1 mA
0.1 mA
0.001
−40
0
40
80
120
160
200
0.01
0.1
1
10
100
Ambient temperature T
a
(
°C)
15 V
VR
= 35 V
0.001
−40
0
40
80
120
160
200
0.01
0.1
1
10
100
Ambient temperature T
a
(
°C)
15 V
VR
= 75 V
0.1
10
1
0.2
2
0.3
3
0.5
5
0
1020304050
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
Characteristics charts of MA2B171



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com