Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250ACVVCPMX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC8250ACVVCPMX
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8250ACVVCPMX Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC8250ACVVCPMX Datasheet HTML 1Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 2Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 3Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 4Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 5Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 6Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 7Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 8Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
2
Freescale Semiconductor
Features
Figure 1 shows the block diagram for the MPC8250.
Figure 1. MPC8250 Block Diagram
1
Features
The major features of the MPC8250 are as follows:
•
Footprint-compatible with the MPC8260
•
Dual-issue integer core
— A core version of the EC603e microprocessor
— System core microprocessor supporting frequencies of 150–200 MHz
— Separate 16-Kbyte data and instruction caches:
– Four-way set associative
– Physically addressed
– LRU replacement algorithm
— PowerPC architecture-compliant memory management unit (MMU)
— Common on-chip processor (COP) test interface
— High-performance (4.4–5.1 SPEC95 benchmark at 200 MHz; 280 Dhrystones MIPS at
200 MHz)
16 Kbytes
G2 Core
I-Cache
I-MMU
16 Kbytes
D-Cache
D-MMU
Communication Processor Module (CPM)
Timers
Parallel I/O
Baud Rate
Generators
32 Kbytes
32-bit RISC Microcontroller
and Program ROM
Serial
DMAs
4 Virtual
IDMAs
60x-to-PCI
Bridge
Bridge
Memory Controller
Clock Counter
System Functions
System Interface Unit
(SIU)
Local Bus
32 bits, up to 66 MHz
PCI Bus
32 bits, up to 66 MHz
or
MCC2
FCC1
FCC2
FCC3
SCC1
SCC2
SCC3
SCC4
SMC1
SMC2
SPI
I2C
Serial Interface
3 MII
Ports
60x Bus
Dual-Port RAM
Interrupt
Controller
Time Slot Assigner
4 TDM Ports
Non-Multiplexed
I/O
60x-to-Local
Bus Interface Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com