Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVVALDGA Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MPC8358ECVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALDGA Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MPC8358ECVVALDGA Datasheet HTML 53Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 54Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 55Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 56Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 57Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 58Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 59Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 60Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
57
UTOPIA/POS
This figure shows the TDM/SI timing with external clock.
Figure 45. TDM/SI AC Timing (External Clock) Diagram
17.3
UTOPIA/POS
This section describes the DC and AC electrical specifications for the UTOPIA/POS of the MPC8360E/58E.
17.4
UTOPIA/POS DC Electrical Characteristics
This table provides the DC electrical characteristics for the device UTOPIA.
17.5
UTOPIA/POS AC Timing Specifications
This table provides the UTOPIA input and output AC timing specifications.
Table 59. UTOPIA DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Input high voltage
VIH
—2.0
OVDD + 0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
0 V
≤VIN ≤OVDD
—±10
μA
Table 60. UTOPIA AC Timing Specifications1
Characteristic
Symbol2
Min
Max
Unit
Notes
UTOPIA outputs—Internal clock delay
tUIKHOV
011.5
ns
—
UTOPIA outputs—External clock delay
tUEKHOV
111.6
ns
—
UTOPIA outputs—Internal clock high impedance
tUIKHOX
08.0
ns
—
UTOPIA outputs—External clock high impedance
tUEKHOX
110.0
ns
—
UTOPIA inputs—Internal clock input setup time
tUIIVKH
6—
ns
—
UTOPIA inputs—External clock input setup time
tUEIVKH
4—
ns
3
TDM/SICLK (Input)
tSEIXKH
tSEIVKH
tSEKHOV
Input Signals:
TDM/SI
(See Note)
Output Signals:
TDM/SI
(See Note)
tSEKHOX
Note: The clock edge is selectable on TDM/SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com