Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3D3553 Datasheet(PDF) 1 Page - Schneider Electric

Part # LR3D3553
Description  TeSys Deca thermal overload relays, 23...32A, class 20
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR3D3553 Datasheet(HTML) 1 Page - Schneider Electric

  LR3D3553_V01 Datasheet HTML 1Page - Schneider Electric LR3D3553_V01 Datasheet HTML 2Page - Schneider Electric LR3D3553_V01 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys Deca thermal overload
relays, 23...32A, class 20
LR3D3553
Product availability : Stock - Normally stocked in distribution
facility
Price* : 107.00 USD
Main
Range
TeSys
Product name
TeSys LRD
TeSys Deca
Product or Component Type
Non differential thermal overload relay
Device short name
LR3D
Relay application
Motor protection
Product Compatibility
LC1D80
LC1D95
Network type
DC
AC
Thermal overload class
Class 20 IEC 60947-4-1
Thermal protection adjustment
range
23…32 A
[Ui] rated insulation voltage
Power circuit 1000 V IEC 60947-4-1
Power circuit 600 V CSA
Power circuit 600 V UL
Complementary
Network Frequency
0...400 Hz
Mounting support
Plate, with specific accessories
Rail, with specific accessories
Under contactor
Tripping threshold
1.14 +/- 0.06 Ir IEC 60947-4-1
Auxiliary contact composition
1 NO + 1 NC
[Ith] conventional free air
thermal current
5 A signalling circuit
[Ue] rated operational voltage
690 V AC 0...400 Hz power circuit IEC 60947-4-1
Associated fuse rating
4 A gG signalling circuit
4 A BS signalling circuit
[Uimp] rated impulse withstand
voltage
6 kV IEC 60947-1
Phase failure sensitivity
Tripping current 130 % of Ir on two phase, the last one at 0
Control type
Red push-button stop
Blue push-button reset
Temperature compensation
-4…140 °F (-20…60 °C)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 25, 2022
1


Similar Part No. - LR3D3553_V01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR3D3553 SCHNEIDER-LR3D3553 Datasheet
161Kb / 3P
TeSys LRD thermal overload relays - 23...32 A - class 20
Dec 24, 2020
More results

Similar Description - LR3D3553_V01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR2D3553 SCHNEIDER-LR2D3553_V01 Datasheet
172Kb / 3P
TeSys Deca thermal overload relays , 23...32A , class 20
May 25, 2022
LR2D3559 SCHNEIDER-LR2D3559_V01 Datasheet
179Kb / 3P
TeSys Deca thermal overload relays , 48...65A , class 20
May 25, 2022
LR2D3563 SCHNEIDER-LR2D3563_V01 Datasheet
179Kb / 3P
TeSys Deca thermal overload relays , 63...80A - class 20
May 25, 2022
LR3D3555 SCHNEIDER-LR3D3555_V01 Datasheet
175Kb / 3P
TeSys Deca thermal overload relays, 30...40A, class 20
May 25, 2022
LR3D3557 SCHNEIDER-LR3D3557_V01 Datasheet
175Kb / 3P
TeSys Deca thermal overload relays, 37...50A, class 20
May 25, 2022
LR3D3561 SCHNEIDER-LR3D3561_V01 Datasheet
175Kb / 3P
TeSys Deca thermal overload relays , 55...70A , class 20
May 25, 2022
LR3D3353 SCHNEIDER-LR3D3353_V01 Datasheet
177Kb / 3P
TeSys Deca thermal overload relays , 23...32A - class 10A
May 30, 2022
LRD32L6 SCHNEIDER-LRD32L6_V01 Datasheet
130Kb / 3P
TeSys Deca thermal overload relays - 23...32 A - class 20
May 30, 2022
LRD32L SCHNEIDER-LRD32L_V01 Datasheet
116Kb / 3P
TeSys Deca thermal overload relays - 23...32 A - class 20
May 25, 2022
LRD332L SCHNEIDER-LRD332L_V01 Datasheet
129Kb / 3P
TeSys Deca thermal overload relays - 23...32 A - class 20
May 25, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com