Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2608011024010 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2608011024010
Description  WIRL-BTLE Bluetooth smart 5.0 Standard - PCB Antenna
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

2608011024010 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  2608011024010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024010 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024010 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024010 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024010 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024010 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Properties
Test conditions
Value
Unit
Communication Protocol/
Standard
RFprot
Bluetooth Smart 5.0 (BLE)
Antenna Connector Type
ANTConn
Integrated PCB
Microcontroller
µC
SoC
Radio Chipset
RF-IC
Nordic - nRF52832
Memory Size (Flash)
524288
B
Memory Size (RAM)
65536
B
Radio channel min.
0
Radio channel max.
39
Interface 1
IO1
UART
Interface 1 Bitrate Range
IO1 Bitrate latest FW revision
115.2
kbps
Number of I/O Ports
IOPorts
latest FW revision
2
General Properties:
Properties
Test conditions
Value
Unit
Operating Supply Voltage Min.
VDD min. TAMB = 25 °C, RH = 60 %
1.8
V
Operating Supply Voltage Max.
VDD max. TAMB = 25 °C, RH = 60 %
3.6
V
Recommended Supply Voltage
VDD typ.
TAMB = 25 °C, RH = 60 %
3
V
Supply Current Sleep
Isleep
VDD,typ,TAMB = 25 °C, RH = 60 %
0.4
µA
Electrical Properties:
Ambient Temperature (refering to
IR)
-40 up to +85 °C
Operating Temperature
-40 up to +85 °C
Storage Conditions (in original
packaging)
< 40 °C ; < 90 % RH
Additional General Information:
Properties
Test conditions
Value
Unit
Frequency min.
fmin.
VDD,typ,TAMB = 25 °C, RH = 60 %
2402
MHz
Frequency max.
fmax.
VDD,typ,TAMB = 25 °C, RH = 60 %
2480
MHz
Line of Sight Range
Two-ray ground-reflection model
50
m
Line of Sight Conditions: Antenna
Height
2
m
RF Bitrate max.
Rb, max.
latest FW revision
2000
kbps
Supply Current Transmitting
ITX
VDD,typ,TAMB = 25 °C, RH = 60 %
7.5
mA
Supply Current Receiving
IRX
VDD,typ,TAMB = 25 °C, RH = 60 %
5.4
mA
Output Power e.r.p.
Ptx
VDD,typ,TAMB = 25 °C, RH = 60 %
-2
dBm
RX sensitivity Condition Bitrate
Rxsens, kbps latest FW revision
1000
kbps
RX sensitivity e.r.p.
Rxsens
50 Ω
-91
dBm
RF-Electrical Properties:
Pin
Pad
Description
I/O
RESERVED
1
external Antenna connection - NOT USED
--
GND
2
Negative supply voltage
Supply
SWDCLK
3
SWD interface, clock
SWD
SWDIO
4
SWD interface, data
SWD
/Reset
5
Reset-Input
Input
BOOT
6
see manual for more details
Input
VDD
7
Positive supply voltage
Supply
OP_MODE
8
see manual for more details
Input
RESERVED
9
see manual for more details
--
LED_1
10
see manual for more details
Output
LED_2
11
see manual for more details
Output
UTXD
12
UART transmit
Output
URXD
13
UART receive
Input
/RTS
14
see manual for more details
Output
Product Specific Pinning:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
GE
001.031
2019-01-10
DIN ISO 2768-1m
DESCRIPTION
WIRL-BTLE Bluetooth smart 5.0
Standard - PCB Antenna
ORDER CODE
2608011024010
BUSINESS UNIT
STATUS
PAGE
eiSmart
Valid
2/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com