Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1034ACPZ-1-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1034ACPZ-1-R7
Description  3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACPZ-1-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1034ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Data Sheet
ADP1034
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 15 of 41
Figure 17. Flyback Regulator Maximum Output Current (IOUT1) at Various
Output Voltages, TA = 25°C, Using a Coilcraft ZA9644-AED Transformer and a
Zener Clamp Circuit, Based on Target of 70% ILIM (FLYBACK)
Figure 18. Flyback Regulator Maximum Output Current (IOUT1) vs. VVINP Over
Various Transformers, TA = 25°C, VOUT1 = 24 V, Using a Zener Clamp Circuit,
Based on Target of 70% ILIM (FLYBACK)
Figure 19. Flyback Regulator Load Regulation Across Temperature, VVINP =
24 V, VOUT1 = 24 V, Nominal = VOUT1 at 25 mA Load
Figure 20. Flyback Regulator Maximum Output Current (IOUT1) vs. VVINP
Across Temperature, VOUT1 = 24 V, Using a Coilcraft ZA9644-AED
Transformer and a Zener Clamp Circuit, Based on Target of 70% ILIM (FLYBACK)
Figure 21. Flyback Regulator Maximum Output Current (IOUT1) vs. VVINP Over
Various Transformers, TA = 105°C, VOUT1 = 24 V, Using a Zener Clamp Circuit,
Based on Target of 70% ILIM (FLYBACK)
Figure 22. Flyback Regulator Load Regulation at Various Output Voltages, TA
= 25°C, VVINP = 24 V, Nominal = VOUT1 at 25 mA Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com