Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC595 Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP-SC595
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC595 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP-SC595 Datasheet HTML 10Page - Analog Devices ADSP-SC595 Datasheet HTML 11Page - Analog Devices ADSP-SC595 Datasheet HTML 12Page - Analog Devices ADSP-SC595 Datasheet HTML 13Page - Analog Devices ADSP-SC595 Datasheet HTML 14Page - Analog Devices ADSP-SC595 Datasheet HTML 15Page - Analog Devices ADSP-SC595 Datasheet HTML 16Page - Analog Devices ADSP-SC595 Datasheet HTML 17Page - Analog Devices ADSP-SC595 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 14 of 134
|
May 2022
SAFETY FEATURES
The ADSP-SC595/SC596/SC598 processors are designed to
support functional safety applications. Whereas the level of
safety is mainly dominated by the system concept, the following
primitives are provided by the processors to build a robust
safety concept.
Multiparity Bit Protected SHARC+ Core L1 Memories
In the SHARC+ core L1 memory space, whether SRAM or
cache, multiple parity bits protect each word to detect the single
event upsets that occur in all RAMs. Parity also protects the
cache tags and BTB.
Error Correcting Code (ECC) Protected L2 Memories
Error correcting code (ECC) corrects single event upsets. A sin-
gle error correct/double error detect (SEC/DED) code protects
the L2 memory. By default, ECC is enabled, but it can be dis-
abled on a per bank basis. Single-bit errors correct
transparently. If enabled, dual-bit errors can issue a system
event or fault. ECC protection is fully transparent to the user,
even if L2 memory is read or written by 8-bit or 16-bit entities.
ECC and Parity Protected Arm L1/L2 Cache
The Arm Cortex-A55 core cache memory protection scheme
features 1-bit error detection in the L1 instruction cache, as well
as 2-bit error detection and 1-bit error correction in both the L1
data cache and L2 cache. Additionally, the corresponding cache
tags are parity-protected.
Parity and ECC Protected Peripheral Memories
Parity protection is added to the following peripheral memories:
•ASRC
• IIR
•FIR
•USB
•CRYPTO
• EMAC
•MLB
•TRACE
CAN FD memory is ECC protected.
Cyclic Redundancy Check (CRC) Protected Memories
Whereas parity bit and ECC protection mainly protect against
random soft errors in L1 and L2 memory cells, the CRC engines
can protect against systematic errors (pointer errors) and static
content (instruction code) of L1, L2, and even Level 3 (L3)
memories (DDR3, DDR3L). The processors feature four CRC
engines that are embedded in the memory to memory DMA
controllers.
CRC checksums can be calculated or compared automatically
during memory transfers. Alternatively, single or multiple
memory regions can be continuously scrubbed by a single DMA
work unit as per DMA descriptor chain instructions. The CRC
engine also protects data loaded during the boot process.
Signal Watchdogs
The 16 general-purpose (GP) timers feature modes to monitor
off-chip signals. The watchdog period mode monitors whether
external signals toggle with a period within an expected range.
The watchdog width mode monitors whether the pulse widths
of external signals are within an expected range. Both modes
help detect undesired toggling or lack of toggling of system level
signals.
System Event Controller (SEC)
Besides system events, the system event controller (SEC) further
supports fault management, including fault action configura-
tion as timeout, internal indication by system interrupt, or
external indication through the SYS_FAULT pin and system
reset.
Memory Error Controller (MEC)
The memory error controller (MEC) manages memory par-
ity/ECC errors and warnings from the cores and peripherals
and sends out interrupts and triggers.
PROCESSOR PERIPHERALS
The following sections describe the peripherals of the ADSP-
SC595/SC596/SC598 processors.
Dynamic Memory Controller (DMC)
The 16-bit dynamic memory controller (DMC) interfaces to
• DDR3 (JESD79-3), 512 Mb to 8 Gb
• DDR3L (JESD79-3-1A), 512 Mb to 8 Gb
See Table 6 for the DMC memory map.
Digital Audio Interface (DAI)
The processors support two identical digital audio interface
(DAI) units. The DAI can connect various peripherals to any of
the DAI pins.
The application code makes these connections using the signal
routing unit (SRU), shown in Figure 1.
The SRU is a matrix routing unit (or group of multiplexers) that
enables the peripherals provided by each DAI instance to inter-
connect under software control. This functionality allows easy
use of the DAI associated peripherals for a wider variety of
applications by using a larger set of algorithms than is possible
with nonconfigurable signal paths.
The DAI includes the peripherals described in the following
sections (SPORTs, ASRC, S/PDIF, and PCG). DAI Pin Buffer 20
and DAI Pin Buffer 19 can change the polarity of the input
signals.
The DAI_PINx pin buffers can also be used as GPIO pins. DAI
input signals allow the triggering of interrupts on the rising
edge, falling edge, or both.
See the Digital Audio Interface (DAI) chapter of the ADSP-
SC595/SC596/SC598 SHARC+ Processor Hardware Reference
for complete information on the use of the DAIs and SRUs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com