Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP431CP Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP431CP
Description  High Speed, 3.3V Quad RS-422 Differential Line Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP431CP Datasheet(HTML) 3 Page - Sipex Corporation

  SP431CP Datasheet HTML 1Page - Sipex Corporation SP431CP Datasheet HTML 2Page - Sipex Corporation SP431CP Datasheet HTML 3Page - Sipex Corporation SP431CP Datasheet HTML 4Page - Sipex Corporation SP431CP Datasheet HTML 5Page - Sipex Corporation SP431CP Datasheet HTML 6Page - Sipex Corporation SP431CP Datasheet HTML 7Page - Sipex Corporation SP431CP Datasheet HTML 8Page - Sipex Corporation SP431CP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
SP431DS/08
SP431 High Speed, +3.3V Quad RS-422 Differential Line Driver
© Copyright 1997 Sipex Corporation
S
R
E
T
E
M
A
R
A
P
C
D.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
,
e
g
a
t
l
o
V
y
l
p
p
u
SV
C
C
0
.
36
.
3V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
r
o
t
u
p
n
I
C
DV
N
I
V
r
o
T
U
O
V
C
C
V
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
t
u
p
n
I
t
,
s
e
m
i
T
ll
a
F
r
o
e
s
i
R
t
u
p
n
I
r
t
r
o
f
3s
n
V
,
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
H
G
I
H
H
I
0
.
2V
V
,
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
W
O
L
L
I
8
.
0V
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
t
u
p
t
u
O
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
H
G
I
H
H
O
5
.
29
.
2V
V
N
I
V
=
H
I
V
r
o
L
I
I
,
T
U
O
A
m
0
2
-
=
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
W
O
L
L
O
2
.
05
.
0V
V
N
I
V
=
H
I
V
r
o
L
I
I
,
T
U
O
A
m
0
2
=
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
T
0
.
27
.
2V
R
L
0
0
1
=
Ω
1
e
t
o
N
,
V
|
,
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
n
i
e
c
n
e
r
e
f
f
i
D
T
V
|
-
|
T|4
.
0V
R
L
0
0
1
=
Ω
1
e
t
o
N
,
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
e
d
o
M
n
o
m
m
o
C
S
O
0
.
3V
R
L
0
0
1
=
Ω
1
e
t
o
N
,
V
|
,
t
u
p
t
u
O
e
d
o
M
n
o
m
m
o
C
n
i
e
c
n
e
r
e
f
f
i
D
S
O
V
-
S
O |4
.
0V
R
L
0
0
1
=
Ω
1
e
t
o
N
,
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
I
C
C
0
0
1
µAV
N
I
V
=
C
C
2
e
t
o
N
,
D
N
G
r
o
,
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O
e
t
a
t
s
-
i
r
TI
Z
O
0
.
2
±
µAV
T
U
O
V
=
C
C
,
D
N
G
r
o
V
=
E
L
B
A
N
E
L
I ,
V
=
E
L
B
A
N
E
H
I
I
,
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
t
u
p
t
u
O
C
S
0
3
-0
5
1
-A
mV
N
I
V
=
C
C
3
d
n
a
1
s
e
t
o
N
,
D
N
G
r
o
f
f
O
r
e
w
o
P
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O
I
F
F
O
0
0
1
µAV
C
C
V
,
V
0
=
T
U
O
1
e
t
o
N
,
V
6
=
I
F
F
O
0
0
1
-
µAV
C
C
V
,
V
0
=
T
U
O
1
e
t
o
N
,
V
5
2
.
0
-
=
SPECIFICATIONS
NOTE 1: Refer to EIA specifications for RS-422 serial protocol for exact test conditions.
NOTE 2: Measured per input. All other inputs at V
CC or GND.
NOTE 3: This is the current sourced when a high output is shorted to GND. Only one output at a time should be shorted.
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +3.6V with Tamb = 25°C and all MIN
and MAX limits apply across the recommended operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com