Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-2+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-2+
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-2+ Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-2+ Datasheet HTML 1Page - Mini-Circuits ADE-2+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Level 7 (LO Power +7 dBm)
5 to 1000 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD542
PRICE: $1.99 ea. QTY (100)
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
• cellular
• PCS
LO
6
RF
3
IF
2
GROUND
1,4,5
Applications
Outline Drawing
Electrical Specifications
REV. A
M98898
ADE-2
RVN/TD/CP/AM
060308
Page 1 of 2
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
LM
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
Typ.
5-1000
DC-1000
6.67
0.26
8.0
9.5
60
40
47
25
32
22
62
35
45
25
32
20
20
A
BC
D
E
F
G
.280
.310
.220
.100
.112
.055
.100
7.11
7.87
5.59
2.54
2.84
1.40
2.54
HJ
K
L
wt
.030
.030
.065
.300
grams
0.76
0.76
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR RF
Port
(:1)
VSWR LO
Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
ADE-2
ADE-2+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
5.0
35.0
7.24
67.56
56.62
1.74
2.77
14.0
44.0
6.89
66.00
55.21
1.40
2.76
23.0
53.0
6.84
64.66
53.92
1.35
2.75
32.0
62.0
6.85
63.45
52.89
1.34
2.74
41.0
71.0
6.86
62.35
51.97
1.33
2.73
50.0
80.0
6.83
61.27
51.17
1.33
2.72
200.0
230.0
6.78
50.90
44.28
1.35
2.79
350.0
380.0
6.78
45.63
39.09
1.37
2.87
500.0
530.0
6.85
42.11
35.34
1.40
2.76
502.5
532.5
6.81
42.09
35.27
1.41
2.76
586.0
616.0
6.87
40.83
32.80
1.44
2.77
632.0
662.0
6.91
39.73
32.12
1.47
2.92
678.0
708.0
6.96
39.35
31.50
1.47
2.90
724.0
754.0
6.98
38.67
30.57
1.50
3.11
770.0
800.0
7.08
37.90
29.63
1.52
3.08
816.0
846.0
7.09
37.06
28.64
1.52
3.26
862.0
892.0
7.14
36.56
28.19
1.54
3.24
908.0
938.0
7.22
35.71
27.46
1.53
3.28
954.0
984.0
7.26
35.35
26.91
1.49
3.28
1000.0
1030.0
7.37
35.01
26.18
1.50
3.23
• excellent L-R isolation, 47 dB typ.
• low profile package
• aqueous washable
• protected by U.S. Patent 6,133,525
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA


Similar Part No. - ADE-2+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-2+ MINI-ADE-2+ Datasheet
255Kb / 1P
FREQUENCY MIXERS
More results

Similar Description - ADE-2+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com