Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP301ES Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP301ES
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP301ES Datasheet(HTML) 2 Page - Sipex Corporation

  SP301ES Datasheet HTML 1Page - Sipex Corporation SP301ES Datasheet HTML 2Page - Sipex Corporation SP301ES Datasheet HTML 3Page - Sipex Corporation SP301ES Datasheet HTML 4Page - Sipex Corporation SP301ES Datasheet HTML 5Page - Sipex Corporation SP301ES Datasheet HTML 6Page - Sipex Corporation SP301ES Datasheet HTML 7Page - Sipex Corporation SP301ES Datasheet HTML 8Page - Sipex Corporation SP301ES Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
52
SPECIFICATIONS
(T
MIN ≤ TA ≤ TMAX and nominal supply voltages unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-232 DRIVER
TTL Input Level
V
IL
0
0.8
V
V
IH
2.0
V
High Level Output
+5.0
V
R
L = 3kΩ, VIN = 0.8V
Low Level Output
-5.0
V
R
L = 3kΩ, VIN = 2.0V
Short Circuit Current
±30
mA
V
OUT = 0V
Loopback Output Voltage
-1.5
V
R
L = 3kΩ, VEE = -12.0V; Note 1
Slew rate
30
V/
µs
C
L = 50pF, RL = 3kΩ; TA= 25°C
Transition Time
3
µsV
OUT from +3V to -3V or
-3V to +3V
Maximum Transmission Rate
200
kbps
RS-232 RECEIVER
Input Voltage Range
-15
+15
V
Note 6
Input High Threshold
+1.75
+2.5
V
Positive-going
Input Low Threshold
+0.75
+1.35
V
Negative-going
Input Impedance
3
7
k
Ω
V
SS ≤ VIN ≤ VDD
TTL Output Level
V
OL
0.4
V
V
CC = +4.75V, IOUT = +1.6mA
V
OH
2.4
V
V
CC = +4.75V, IOUT = -0.5mA
Maximum Receiving Rate
200
kbps
RS-422 DRIVER
TTL Input Level
V
IL
0
0.8
V
V
IH
2.0
V
High Level Output
2.75
6.0
V
I
OH = -20mA
Low Level Output
1.0
V
I
OL = +20mA
Differential Output
±2V
R
L = 100
Ω
±6V
R
L =
∞
Short Circuit Current
±100
mA
Note 2
Output Current
±500
µA
-0.25V
≤ V
O
≤ 6V; power off
Transition Time
400
ns
R
L
= 100
Ω, C
L = 15pF; Note 3
Maximum Transmission Rate
1,000
kbps
RS-422 RECEIVER
Common Mode Range
±7
V
Note 4
Differential Input
±15
V
Note 4 and 6
Differential Input Threshold
-0.2
+0.2
V
T
A = 25
°C
Input Voltage Hysteresis
30
mV
V
CM = 0V; TA = 25
°C
Input Resistance
3
k
Ω
-7V
≤ V
CM
≤ +7V
TTL Output Level
V
OL
0.4
V
V
CC = +4.75V, IOUT = +1.6mA
V
OH
2.4
V
V
CC = +4.75V, IOUT = -0.5mA
Maximum Receiving Rate
1,000
kbps
Short Circuit Output Current
±120
mA
V
OUT = 0V
POWER REQUIREMENTS
V
DD = +12V,
±10%
7
15
mA
Note 5
V
CC = +5V;
±10%
5
7
mA
Note 5
V
EE = -12V,
±10%
11
20
mA
Note 5
ENVIRONMENTAL
Operating Temperature
-CS, –CT
0
+70
°C
-MR
-55
+125
°C
Storage Temperature
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com