Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2C723 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2C723
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2C723 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2C723 Datasheet HTML 1Page - Panasonic Semiconductor MA2C723 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA2C723
Silicon epitaxial planar type
For super-high speed switching circuit
For small current rectification
I Features
• Allowing to rectify under (I
F(AV) = 200 mA) condition
• Sealed in DO-34 (DHD) package
• Allowing high-density mounting (5 mm pitch insertion)
• High reliability
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
30
V
Non-repetitive peak forward
IFSM
1.5
A
surge current*
Peak forward current
IFM
300
mA
Forward current (DC)
IF(AV)
200
mA
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 30 V
50
µA
Forward voltage (DC)
VF
IF = 200 mA
0.55
V
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
30
pF
Reverse recovery time*
trr
IF = IR = 100 mA
3.0
ns
Irr = 10 mA, RL = 100 Ω
I Electrical Characteristics T
a
= 25°C
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a
human body and the leakage of current from the operating equipment
 
2. Rated input/output frequency: 1 000 MHz
3. * : trr measuring instrument
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave (non-repetitive)
1 : Casthode
2 : Anode
JEDEC : DO-34
Color band in pink
I Cathode Indication
φ 0.45 max.
φ 1.75 max.
COLORED BAND
INDICATES
CATHODE
2
1
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 10 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A


Similar Part No. - MA2C723

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C700 PANASONIC-MA2C700 Datasheet
48Kb / 2P
Schottky Barrier Diodes (SBD)
MA2C700 PANASONIC-MA2C700 Datasheet
80Kb / 3P
Silicon epitaxial planar type
MA2C700A PANASONIC-MA2C700A Datasheet
48Kb / 2P
Schottky Barrier Diodes (SBD)
MA2C700A PANASONIC-MA2C700A Datasheet
80Kb / 3P
Silicon epitaxial planar type
MA2C719 PANASONIC-MA2C719 Datasheet
46Kb / 2P
Silicon epitaxial planar type
More results

Similar Description - MA2C723

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com