Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFZ005 Datasheet(PDF) 1 Page - First Components International

Part # DFZ005
Description  1.0 Amp Glass Passivated Sintered Bridge Rectifiers Mechanical Dimensions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

DFZ005 Datasheet(HTML) 1 Page - First Components International

  DFZ005 Datasheet HTML 1Page - First Components International DFZ005 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
DFZ005 . . . 10 Series
Preliminary Data Sheet
Units
Volts
Volts
Volts
............................................. 1.0 ...............................................
............................................. 5 0 ...............................................
............................................. 5.0 ...............................................
............................................. 1.0 ...............................................
............................................. 1 0 ...............................................
............................................. 0.5 ...............................................
......................................... -55 to 175 ..........................................
......................................... -55 to 175 ..........................................
Amps
Amps
A2S
Volts
µA
mA
°C
°C
DFZ005 DFZ01 DFZ02 DFZ04 DFZ06 DFZ08 DFZ10
5 0
100
200
400
600
800
1000
3 5
7 0
140
280
420
560
700
5 0
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
Average Forward Rectified Current...I
F(av)
T
A = 65°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 mS Single ½ Sine Wave Imposed on Rated Load
Point Rating for Fusing...(T < 8.3 mS)
Forward Voltage...V
F
Bridge Element @ 1.0 Amp
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
J =25°C
T
J =125°C
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Add Suffix ‘‘S’’ for SMD.
Example: DFZ04S = 400V/1 Amp SMD part
AC
AC
Mechanical Data: Terminal Leads - Solderable per Mil Std. 202. Polarity - Molded
on Case. Mounting Position - Any. Weight - 0.04 Ounces, 1 Gram.
n LOWEST COST FOR GLASS SINTERED
CONSTRUCTION
n LOWEST V
F FOR GLASS SINTERED
CONSTRUCTION
n TYPICAL I
R < 100 nAmps
n 1.0 AMP OPERATION @ T
A = 65°C, WITH
NO THERMAL RUNAWAY
n SINTERED GLASS CAVITY-FREE
JUNCTION
1.0 Amp Glass Passivated
Sintered Bridge Rectifiers


Similar Description - DFZ005

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
EGFZ10 FCI-EGFZ10 Datasheet
114Kb / 2P
1.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
EGPZ10A FCI-EGPZ10A Datasheet
91Kb / 2P
1.0 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
GFZ30A FCI-GFZ30A Datasheet
146Kb / 2P
3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ10A FCI-GPZ10A Datasheet
154Kb / 2P
1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ20A FCI-GPZ20A Datasheet
161Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ30A FCI-GPZ30A Datasheet
172Kb / 2P
3.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
RGFZ10 FCI-RGFZ10 Datasheet
143Kb / 2P
1.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
RGLZ41A FCI-RGLZ41A Datasheet
165Kb / 2P
1.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
RGPZ10A FCI-RGPZ10A Datasheet
136Kb / 2P
1.0 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
UGPZ10 FCI-UGPZ10 Datasheet
52Kb / 1P
1.0 Amp Glass Passivated Sintered Ultra - Fast Rectifiers Mechanical Dimensions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com