Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7002/KDX Datasheet(PDF) 30 Page - Microchip Technology

Part # USB7002/KDX
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002/KDX Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB7002/KDX Datasheet HTML 26Page - Microchip Technology USB7002/KDX Datasheet HTML 27Page - Microchip Technology USB7002/KDX Datasheet HTML 28Page - Microchip Technology USB7002/KDX Datasheet HTML 29Page - Microchip Technology USB7002/KDX Datasheet HTML 30Page - Microchip Technology USB7002/KDX Datasheet HTML 31Page - Microchip Technology USB7002/KDX Datasheet HTML 32Page - Microchip Technology USB7002/KDX Datasheet HTML 33Page - Microchip Technology USB7002/KDX Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
USB7002
DS00002670G-page 30
 2022 Microchip Technology Inc. and its subsidiaries
7.3
I2S Interface
The device provides an integrated I2S interface to facilitate the connection of digital audio devices. The I2S interface
conforms to the voltage, power, and timing characteristics/specifications as set forth in the I2S-Bus Specification, and
consists of the following signals:
• I2S_SDI: Serial Data Input
• I2S_SDO: Serial Data Output
• I2S_SCK: Serial Clock
• I2S_LRCK: Left/Right Clock (SS/FSYNC)
• I2S_MCLK: Master Clock
• MIC_DET: Microphone Plug Detect
Each audio connection is half-duplex, so I2S_SDO exists only on the transmit side and I2S_SDI exists only on the
receive side of the interface. Some codecs refer to the Serial Clock (I2S_SCK) as Baud/Bit Clock (BCLK). Also, the Left/
Right Clock is commonly referred to as LRC or LRCK. The I2S and other audio protocols refer to LRC as Word Select
(WS).
The following codec is supported by the default settings:
• Analog Devices ADAU1961 (24-bit 48kHz)
Additional codecs are also supported with modifications to the configuration register settings. Use the following table as
a guide for assessing I2S codec compatibility. For additional details on how to implement the necessary configuration
settings, refer to the application note, “USB7002/USB705x I2S Operation”.
Note:
For SMBus/I2C timing information, refer to Section 9.6.5, SMBus Timing and Section 9.6.6, I2C Timing.
TABLE 7-2:
USB TO I2S
Parameter
Supported Values
Sampling Frequency (fs)
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
MCLK Frequency.
(Multiple of Sampling frequency)
From 1*fs to 1024*fs.
MCLK can take continuous values also. However, the I2S LRCLK signal is derived
from the MCLK source, so it is advisable to keep MCLK signal frequency “Even
integer Multiple of Sampling frequency”.
Audio Sample size
16-bits/sample, 24-bits/sample, 32-bits/sample
I2S Audio Interface Format
I2S Mode, Left Justified Mode, Right Justified Mode
I2C Master Control Interface
Frequency
100kHz and 400kHz
Audio channels
Mono Mode and Stereo Mode
Enabling disabling the I2S-
Bridge Interfaces
Audio Out only (Speaker Interface) Mode (Or) Audio IN only (Mic Interface) (Or)
Enable both Audio IN and OUT interfaces (Or) Disable both Audio IN and Audio
Out interfaces.
Enabling Disabling of Jack-
Detection interface
Enable the Audio Jack-Insert detection HID interface / Disable the Jack detection
interface.
Note:
For I2S timing information, refer to Section 9.6.7, I2S Timing. For detailed information on utilizing the I2S
interface, refer to the application note “USB7002/USB705x I2S Operation”, which can be found on the
Microchip USB7002 product page at www.microchip.com/USB7002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com