Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4T3243 Datasheet(PDF) 2 Page - M-pulse Microwave Inc.

Part # MP4T3243
Description  Bipolar High fT Low Voltage NPN Silicon Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T3243 Datasheet(HTML) 2 Page - M-pulse Microwave Inc.

  MP4T3243 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T3243 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bipolar High fT Low Voltage NPN Silicon Transistors
V4.00
Specification Subject to Change Without Notice
M-Pulse
Microwave____________________________________________________________________________________
2
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T3243 Series
Maximum Ratings
Parameter
Symbol
Unit
MP4T324300
Chip
MP4T324333
SOT-23
MP4T324335
Micro-X
Collector-Base Voltage
1
VCBO
Volts
8
8
8
Collector-Emitter Voltage
1
VCE
Volts
6
6
6
Emitter-Base Voltage
1
VEB
Volts
1.5
1.5
1.5
Collector Current
1
IC
mA
110
110
110
Junction Temperature
Tj
°C
200
125
200
Storage Temperature
TSTG
°C
-65 to +175
°C
-65 to +125
°C
-65 to +175
°C
Power Dissipation
1,3
PT
mW
600
250
400
Operating Temperature
2
TCP
°C
150
125
150
1.
At 25
°C case temperature (packaged transistors) or 25°C mounting surface temperature (chip transistors).
2.
Case or bonding surface temperature. Derate maximum power dissipation rating linearly to zero watts at maximum operating temperature.
3.
The thermal resistance of the MP4T324300 junction/case is 50
°C/watt nominal.
Electrical Specifications @ +25
°C
Parameter
Condition
Symbol
Units
MP4T324300
Chip
MP4T324333
SOT-23
MP4T324335
Micro-X
Gain Bandwidth Product
VCE = 3 volts
fT
GHz
6 typ
6 typ
6 typ
IC = 50 mA
Insertion Power Gain
VCE = 3 volts
|S21E|
2
dB
IC = 40 mA
f = 1 GHz
7 min
6 min
7 min
f = 2 GHz
3 typ
2.5 typ
3 typ
Noise Figure
VCE = 3 volts
NF
dB
IC = 10 mA
f = 1 GHz
2.2 max
2.4 max
2.2 max
Unilateral Gain
VCE = 3 volts
GTU (max)
dB
IC = 40 mA
f = 1 GHz
10 typ
9 typ
10 typ
f = 2 GHz
6 typ
4 typ
6 typ
Maximum Available Gain
VCE = 3 volts
MAG
dB
IC = 40 mA
f = 2 GHz
8.5 typ
7 typ
8.5 typ
Power Out at 1 dB
VCE = 3 volts
P1dB
dBm
Compression
IC = 50 mA
f = 2 GHz
20 typ
19 typ
20 typ
f = 3 GHz
15 typ
15 typ
15 typ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com