Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4T632535 Datasheet(PDF) 4 Page - M-pulse Microwave Inc.

Part # MP4T632535
Description  3 Volt, General Purpose Low Noise High fT Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T632535 Datasheet(HTML) 4 Page - M-pulse Microwave Inc.

  MP4T632535 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T632535 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T632535 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T632535 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T632535 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T632535 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T632535 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T632535 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3 Volt, General Purpose Low Noise High fT Silicon Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
4
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T6325 Series
Typical Performance Curves (MP4T632535)
POWER DERATING CURVES
0
20
40
60
80
10 0
12 0
14 0
16 0
0
2 5
5 0
7 5
100
125
150
175
A M BI EN T TE M P ER A T U R E (C )
M P 4T 63250 0 ( C H I P )
O N I N F IN I T E H E AT S I NK
M P 4T 632 535 (M IC R O -X )
M P 4T 63 2533, 39
(S O T -23, 143) F R E E A I R
GAIN vs FREQUENCY at VCE=3 V and IC =
10 mA
0
2
4
6
8
10
12
14
16
1
10
F R EQ UENCY (G H z)
GTU (M AX )
|S21E|2
GAIN BANDWIDTH PRODUCT (fT) vs
COLLECTOR CURRENT at VCE=3 V
0
2
4
6
8
10
12
1
1 0
100
C O LLEC T O R CURRE N T (m A)
NOISE FIGURE and ASSOCIATED GAIN at
VCE = 3 V, 1 GHz vs COLLECTOR CURRENT
0
1
2
3
4
5
6
7
8
9
10
110
10 0
CO LL EC T O R CURRENT (m A)
NO IS E F IG URE (50 O hm s)
AS SO C IATE D G AIN
NF (OPT)
COLLECTOR-BASE CAPACITANCE (COB)
vs COLLECTOR-BASE VOLTAGE
0.4
0.45
0.5
0.55
0.6
0.65
1
10
C O LLEC TO R -BASE VO LT AG E (Vo lts)
GAIN vs COLLECTOR CURRENT at 2 GHz,
VCE=3 V
0
2
4
6
8
10
12
110
10 0
CO LL EC T O R CURRENT (m A)
MAG
GTU (M AX )
|S21E|
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com