Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS02 Datasheet(PDF) 2 Page - CUI INC

Part # PS02
Description  PRESSURE SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PS02 Datasheet(HTML) 2 Page - CUI INC

  PS02 Datasheet HTML 1Page - CUI INC PS02 Datasheet HTML 2Page - CUI INC PS02 Datasheet HTML 3Page - CUI INC PS02 Datasheet HTML 4Page - CUI INC PS02 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cuidevices.com
CUI Devices
│ SERIES: PS02 │ DESCRIPTION: PRESSURE SENSOR
date 12/14/2021
│ page 2 of 5
BASIC PARAMETERS
parameter
conditions/description
min
typ
max
units
accuracy1
±0.5
%FS
hysteresis
±0.05
±0.1
%FS
repeatability
±0.05
±0.1
%FS
zero temperature drift1
±1.0
±1.5
%FS
span temperature drift1
±1.0
±1.5
%FS
thermal hysteresis
±0.05
±0.2
%FS
long term stability
±0.25
%FS/year
Note:
1. In the compensation temperature range, refer to 25°C.
PRESSURE SPECIFICATIONS
pressure range
pressure reference2
overload pressure
burst pressure
0~35 kPa
G
300%FS
400%FS
0~100 kPa
G, A
200%FS
300%FS
0~250 kPa
G
200%FS
300%FS
0~600 kPa
G
200%FS
300%FS
0~1.0 MPa
G
200%FS
300%FS
0~1.6 MPa
G, S
200%FS
300%FS
0~2.5 MPa
G, S
200%FS
300%FS
0~4.0 MPa
S
200%FS
300%FS
0~6.0 MPa
S
200%FS
300%FS
Note:
2. A=absolute pressure (vacuum is zero); G=gauge pressure (current atmospheric pressure as zero); S=sealed gauge pressure (calibrated atmospheric pressure is zero).
PART NUMBER KEY
Base Number
PS02 - X XXXX P - 4W
Pressure Reference:
A = Absolute
G = Gauge
S = Sealed Gauge
Pressure Range:
350K = 35 kPa
100K = 100 kPa
250K = 250 kPa
600K = 600 kPa
100M = 1 MPa
160M = 1.6 MPa
250M = 2.5 MPa
400M = 4 MPa
600M = 6 MPa
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com