Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS06 Datasheet(PDF) 1 Page - CUI INC

Part # PS06
Description  PRESSURE SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PS06 Datasheet(HTML) 1 Page - CUI INC

  PS06 Datasheet HTML 1Page - CUI INC PS06 Datasheet HTML 2Page - CUI INC PS06 Datasheet HTML 3Page - CUI INC PS06 Datasheet HTML 4Page - CUI INC PS06 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 12/09/2021
page 1 of 5
cuidevices.com
SERIES: PS06
│ DESCRIPTION: PRESSURE SENSOR
FEATURES
• temperature compensated
• multiple pressure range options
• gauge pressure
• stainless steel housing
• o-ring seal
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
pressure range
see Pressure Specifications for more details
0
2.5
MPa
pressure reference
gauge pressure
excitation
1.5
2.5
mA
input impedance
2
5
kΩ
insulation resistance
at 250 Vdc
200
MΩ
response time
up to 90%FS
1
ms
vibration
20 G (20~5,000 Hz)
shock
100 G for 10 ms
compensated temperature
≤35 kPa models
all other models
0
-10
60
70
°C
°C
operating temperature
-40
125
°C
storage temperature
-40
125
°C
life
1,000,000
cycles
RoHS
yes
MECHANICAL
parameter
conditions/description
min
typ
max
units
measured medium
all 316L compatible liquids and gases
housing/diaphragm
stainless steel 316L
dimensions
Ø19 x 14
mm
weight
80
g
Additional Resources: Product Page


Similar Part No. - PS06

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
PS06 SAMESKY-PS06 Datasheet
230Kb / 5P
PRESSURE SENSOR
09/12/2024
logo
Sumida Corporation
PS06-195 SUMIDA-PS06-195 Datasheet
164Kb / 1P
COMMON MODE CHOKE COIL < Pin Type: PFN Series >
logo
PREMO CORPORATION S.L
PS0603 PREMO-PS0603 Datasheet
850Kb / 6P
SMD Power Inductors Shielded
PS0603-100M PREMO-PS0603-100M Datasheet
850Kb / 6P
SMD Power Inductors Shielded
PS0603-101K PREMO-PS0603-101K Datasheet
850Kb / 6P
SMD Power Inductors Shielded
More results

Similar Description - PS06

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-M8 FESTO-SDE5-D10-NF-Q6E-V-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-D10-O-Q6E-P-M8 FESTO-SDE5-D10-O-Q6E-P-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-V1-NF-Q6-V-M8 FESTO-SDE5-V1-NF-Q6-V-M8 Datasheet
98Kb / 2P
Pressure sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com