Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF223NVC Datasheet(PDF) 2 Page - Schneider Electric

Part # DF223NVC
Description  Fuse carrier TeSys DF, 3PN 125A, fuse size 22x58 mm, blown fuse indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF223NVC Datasheet(HTML) 2 Page - Schneider Electric

  DF223NVC Datasheet HTML 1Page - Schneider Electric DF223NVC Datasheet HTML 2Page - Schneider Electric DF223NVC Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mounting position
Vertical +/- 23°)
Connections - terminals
screw clamp terminals 1 0.00…0.05 in² (2.5…35 mm²)rigid
screw clamp terminals 2 0.00…0.04 in² (2.5…25 mm²)rigid
screw clamp terminals 1 0.00…0.05 in² (2.5…35 mm²)flexible with or without
screw clamp terminals 2 0.00…0.04 in² (2.5…25 mm²)flexible with or without
Tightening torque
35.40 lbf.in (4 N.m)
Height
5.02 in (127.5 mm)
Width
5.51 in (140 mm)
Depth
3.01 in (76.5 mm)
Net Weight
1.97 lb(US) (0.895 kg)
Quantity per Set
Set of 1
Environment
Ambient air temperature for
storage
-40…176 °F (-40…80 °C)
Ambient air temperature for
operation
-4…140 °F (-20…60 °C) with derating above 20°C
IP degree of protection
IP20 conforming to IEC 60529
Protective treatment
TH
Fire resistance
1760 °F (960 °C) IEC 60695-2-1
Compatibility code
DF22
Ordering and shipping details
Category
21714-DF FUSEHOLDERS
Discount Schedule
CP1
GTIN
3389118233447
Nbr. of units in pkg.
1
Package weight(Lbs)
29.63 oz (840.0 g)
Returnability
No
Country of origin
TN
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.31 in (8.4 cm)
Package 1 width
8.82 in (22.4 cm)
Package 1 Length
5.20 in (13.2 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
9
Package 2 Weight
17.61 lb(US) (7.99 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: Cancer - www.P65Warnings.ca.gov
2
May 30, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com