Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBBAS21 Datasheet(PDF) 1 Page - First Components International

Part # FMBBAS21
Description  200 mW EPITAXIAL PLANAR DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBBAS21 Datasheet(HTML) 1 Page - First Components International

  FMBBAS21 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Features
n PLANAR PROCESS
n 200 mW POWER DISSIPATION
Mechanical Dimensions
n INDUSTRY STANDARD SOT-23
PACKAGE
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25OC.
Maximum Ratings
Peak Reverse Voltage...V
RM
RMS Reverse Voltage...V
R(rms)
FMBBAS19...21
Data Sheet
200 mW EPITAXIAL
PLANAR DIODES
Units
Volts
Volts
Page 10-25
Average Forward Rectified Current...I
O
Non-Repetitive Peak Forward Surge Current...I
FSM
Forward Voltage...V
F
@ I
F = 100 mA
DC Reverse Current...I
R
@ V
R = 70V
Power Dissipation...P
D
Reverse Recovery Time...t
RR
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
............................................. 625 ...............................................
............................................. 2.5 ...............................................
............................................. 1.0 ...............................................
............................................. 0.1 ...............................................
............................................. 200 ...............................................
............................................. 5 0 ...............................................
......................................... -25 to 85 ..........................................
......................................... -65 to 150 ..........................................
mAmps
Amps
Volts
µAmps
mW
nS
°C
°C
FMBBAS19
FMBBAS20
FMBBAS21
120
200
250
100
150
200
.110
.060
.037
.037
.115
.016
.043
.004
.016
1
2
3
Pin 2
Pin 3
Pin 1 NC
P
VV = 100nS
Device Under T
Device Under T
Device Under T
Device Under T
Device Under Test
est
est
est
est
50 Ohms
5K Ohms
R
G = 50 Ohms
.01 uF
I
F
Output
Trr
I
R
0.1 I
R


Similar Part No. - FMBBAS21

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBBAS16 FCI-FMBBAS16 Datasheet
60Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
More results

Similar Description - FMBBAS21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMBB4148 ETC-FMBB4148 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBB914 ETC1-FMBB914 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
logo
First Components Intern...
FMBBAS16 FCI-FMBBAS16 Datasheet
60Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBBAV70 FCI-FMBBAV70 Datasheet
59Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBBAV99 FCI-FMBBAV99 Datasheet
59Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
BAS16 FCI-BAS16 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
BAS19 FCI-BAS19 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR HIGH-SPEED DIODES
BAV70 FCI-BAV70 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBB914 FCI-FMBB914 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBB4148 FCI-FMBB4148 Datasheet
76Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com