Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3D3353 Datasheet(PDF) 2 Page - Schneider Electric

Part # LR3D3353
Description  TeSys Deca thermal overload relays , 23...32A - class 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR3D3353 Datasheet(HTML) 2 Page - Schneider Electric

  LR3D3353_V01 Datasheet HTML 1Page - Schneider Electric LR3D3353_V01 Datasheet HTML 2Page - Schneider Electric LR3D3353_V01 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Blue push-button reset
Temperature compensation
-4…140 °F (-20…60 °C)
Connections - terminals
Power circuit screw clamp terminals 1 0.01…0.05 in² (4…35 mm²) flexible without cable end
Power circuit screw clamp terminals 1 0.01…0.05 in² (4…35 mm²) flexible with cable end
Power circuit screw clamp terminals 1 0.01…0.05 in² (4…35 mm²) solid without cable end
Control circuit screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²) flexible without cable end
Control circuit screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²) flexible with cable end
Control circuit screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²) solid without cable end
Tightening torque
Control circuit 15.05 lbf.in (1.7 N.m) screw clamp terminals
Power circuit 79.66 lbf.in (9 N.m) screw clamp terminals
Height
3.19 in (81 mm)
Width
2.76 in (70 mm)
Depth
4.53 in (115 mm)
Net Weight
1.12 lb(US) (0.51 kg)
Environment
Climatic withstand
IACS E10
IP degree of protection
IP20 conforming to IEC 60529
Ambient air temperature for
operation
-4…140 °F (-20…60 °C) without derating IEC 60947-4-1
Ambient Air Temperature for
Storage
-76…158 °F (-60…70 °C)
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations6 Gn IEC 60068-2-6
Shocks15 Gn for 11 ms IEC 60068-2-7
Dielectric strength
2.2 kV 50 Hz IEC 60947-1
Standards
EN/IEC 60947-4-1
EN/IEC 60947-5-1
UL 60947-4-1
UL 60947-5-1
CSA C22.2 No 60947-4-1
CSA C22.2 No 60947-5-1
GB/T 14048.4
GB/T 14048.5
EN 50495
Product Certifications
IEC
UL
CSA
CCC
EAC
BV
DNV-GL
LROS (Lloyds register of shipping)
ATEX INERIS
UKCA
Ordering and shipping details
Category
22347-CONTACTOR,D-LINE,OVERLOADS-NEW
Discount Schedule
I12
GTIN
3389110345216
Nbr. of units in pkg.
1
Package weight(Lbs)
18.41 oz (522.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.07 in (7.8 cm)
2
May 30, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com