Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3240708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3240708
Description  Cable binder base - WT-BASE LS HF 6
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3240708 Datasheet HTML 1Page - PHOENIX CONTACT 3240708 Datasheet HTML 2Page - PHOENIX CONTACT 3240708 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/3240708
09/12/2020   Page 1 / 3
Cable binder base - WT-BASE LS HF 6 - 3240708
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable binder base, for cable binders up to 6 mm wide, self-adhesive (rubber) and screwable, 4.8 mm fixing
hole, 4-sided cable binder feed-through
Key Commercial Data
Packing unit
100 pc
Minimum order quantity
100 pc
GTIN
GTIN
4046356703956
Technical data
Dimensions
Length (b)
27 mm
Width (a)
27 mm
Height (c)
6.5 mm
Hole diameter
4.8 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 60 °C
Ambient temperature (assembly)
-15 °C ... 40 °C
General
Color
transparent
Type
Fixing
Components
free from silicone and halogen
Flammability rating according to UL 94
HB
Material
ABS
Tensile strength
0 N
Standards and Regulations


Similar Part No. - 3240708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240700 PHOENIX-3240700 Datasheet
80Kb / 4P
Protective hose - WP-STEEL ZC 36
09/12/2020
3240701 PHOENIX-3240701 Datasheet
201Kb / 5P
WP-STEEL ZC 45 - Protective hose
3240702 PHOENIX-3240702 Datasheet
52Kb / 3P
Cable binder base - WT-BASE HF 5
09/12/2020
3240703 PHOENIX-3240703 Datasheet
53Kb / 3P
Cable binder base - WT-BASE HF 5 BK
09/12/2020
3240704 PHOENIX-3240704 Datasheet
52Kb / 3P
Cable binder base - WT-BASE HF 9
09/12/2020
More results

Similar Description - 3240708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240702 PHOENIX-3240702 Datasheet
52Kb / 3P
Cable binder base - WT-BASE HF 5
09/12/2020
3240703 PHOENIX-3240703 Datasheet
53Kb / 3P
Cable binder base - WT-BASE HF 5 BK
09/12/2020
3240704 PHOENIX-3240704 Datasheet
52Kb / 3P
Cable binder base - WT-BASE HF 9
09/12/2020
3240705 PHOENIX-3240705 Datasheet
53Kb / 3P
Cable binder base - WT-BASE HF 9 BK
09/12/2020
3240706 PHOENIX-3240706 Datasheet
52Kb / 3P
Cable binder base - WT-BASE LS HF 4
09/12/2020
3240707 PHOENIX-3240707 Datasheet
53Kb / 3P
Cable binder base - WT-BASE LS HF 4 BK
09/12/2020
3240709 PHOENIX-3240709 Datasheet
53Kb / 3P
Cable binder base - WT-BASE LS HF 6 BK
09/12/2020
3240760 PHOENIX-3240760 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X200
09/12/2020
3240763 PHOENIX-3240763 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X200-L
09/12/2020
3240770 PHOENIX-3240770 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X430
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com