Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-AS-150-L-HT-R2MB Datasheet(PDF) 2 Page - Festo Corporation.

Part # EMMT-AS-150-L-HT-R2MB
Description  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-150-L-HT-R2MB Datasheet(HTML) 2 Page - Festo Corporation.

  EMMT-AS-150-L-HT-R2MB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-150-L-HT-R2MB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-150-L-HT-R2MB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK instructions for electrical equipment
To UK RoHS instructions
Nominal operating voltage DC
680 V
Type of winding switch
Star inside
Number of pole pairs
5
Stall torque
44 Nm
Nominal torque
39.7 Nm
Peak torque
86 Nm
Nominal rotary speed
1000 1/min
Max. rotational speed
1812 1/min
Max. mechanical speed
8000 1/min
Motor nominal power
4157 W
Continuous stall current
11.4 A
Motor nominal current
10.3 A
Peak current
24 A
Motor constants
3.85 Nm/A
Standstill torque constant
4.38 Nm/A
Voltage constant, phase-to-phase
264.9 mVmin
Phase-phase winding resistance
1.016 Ohm
Winding inductance phase-phase
15.7 mH
Winding longitudinal inductivity Ld (phase)
7.95 mH
Cross inductivity Lq (phase)
7.85 mH
Electric time constant
15.6 ms
Thermal time constant
55 min
Thermal resistance
0.42 K/W
Measuring flange
450 x 450 x 30 mm, steel
Total output inertia moment
70.1 kgcm²
Product weight
29700 g
Permissible axial shaft load
346 N
Permissible radial shaft load
1730 N
Rotor position sensor
Absolute encoder, multi-turn
Rotor position sensor for manufacturer designation
EQI 1331
Rotor position encoder for absolutely detectable revolutions
4096
Rotor position sensor interface
EnDat® 22
Rotor position sensor measuring principle
Inductive
Rotor position encoder for DC operating voltage
5 V
Rotor position encoder for DC operating voltage range
3.6 V ... 14 V
Rotor position encoder for positional values per revolution
524288
Rotor position sensor resolution
19 bit
Rotor position encoder system accuracy angle measurement
-65 arcsec ... 65 arcsec
Brake holding torque
65 Nm
Brake DC operating voltage
24 V
Brake current consumption
1.08 A
Brake power consumption
26 W
Brake separation time
200 ms
Brake closing time
40 ms
DC brake response delay
10 ms
Max. brake no-load speed
8000 1/min
Brake mass moment of inertia
12.5 kgcm²
5/30/22 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com