Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5643L Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC5643L
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5643L Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC5643L Datasheet HTML 9Page - NXP Semiconductors MPC5643L Datasheet HTML 10Page - NXP Semiconductors MPC5643L Datasheet HTML 11Page - NXP Semiconductors MPC5643L Datasheet HTML 12Page - NXP Semiconductors MPC5643L Datasheet HTML 13Page - NXP Semiconductors MPC5643L Datasheet HTML 14Page - NXP Semiconductors MPC5643L Datasheet HTML 15Page - NXP Semiconductors MPC5643L Datasheet HTML 16Page - NXP Semiconductors MPC5643L Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
13
1.5.15
Main oscillator
The main oscillator provides these features:
•
Input frequency range 4–40 MHz
•
Crystal input mode
•
External reference clock (3.3 V) input mode
•
FMPLL reference
1.5.16
Internal Reference Clock (RC) oscillator
The architecture uses constant current charging of a capacitor. The voltage at the capacitor is compared to the stable bandgap
reference voltage. The RC oscillator is the device safe clock.
The RC oscillator provides these features:
•
Nominal frequency 16 MHz
•
±5% variation over voltage and temperature after process trim
•
Clock output of the RC oscillator serves as system clock source in case loss of lock or loss of clock is detected by the
FMPLL
•
RC oscillator is used as the default system clock during startup and can be used as back-up input source of FMPLL(s)
in case XOSC fails
1.5.17
Clock, reset, power, mode and test control modules (MC_CGM,
MC_RGM, MC_PCU, and MC_ME)
These modules provide the following:
•
Clock gating and clock distribution control
•
Halt, stop mode control
•
Flexible configurable system and auxiliary clock dividers
•
Various execution modes
— HALT and STOP mode as reduced activity low power mode
— Reset, Idle, Test, Safe
— Various RUN modes with software selectable powered modules
— No stand-by mode implemented (no internal switchable power domains)
1.5.18
Periodic Interrupt Timer Module (PIT)
The PIT module implements the following features:
•
4 general purpose interrupt timers
•
32-bit counter resolution
•
Can be used for software tick or DMA trigger operation
1.5.19
System Timer Module (STM)
The STM implements the following features:
•
Up-counter with 4 output compare registers
•
OS task protection and hardware tick implementation per AUTOSAR1 requirement
1.Automotive Open System Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com