Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200F4AEP Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MMPF0200F4AEP
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200F4AEP Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MMPF0200F4AEP Datasheet HTML 40Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 41Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 42Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 43Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 44Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 45Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 46Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 47Page - NXP Semiconductors MMPF0200F4AEP Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 115 page
background image
44
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Setup and control of SW2 is done through I2C registers listed in Table 49, and a detailed description of each one of the registers is
provided in Tables 50 to Table 54.
49
0110001
1.6250
113
1110001
3.2500
50
0110010
1.6500
114
1110010
3.3000
51
0110011
1.6750
115
1110011
Reserved
52
0110100
1.7000
116
1110100
Reserved
53
0110101
1.7250
117
1110101
Reserved
54
0110110
1.7500
118
1110110
Reserved
55
0110111
1.7750
119
1110111
Reserved
56
0111000
1.8000
120
1111000
Reserved
57
0111001
1.8250
121
1111001
Reserved
58
0111010
1.8500
122
1111010
Reserved
59
0111011
1.8750
123
1111011
Reserved
60
0111100
1.9000
124
1111100
Reserved
61
0111101
1.9250
125
1111101
Reserved
62
0111110
1.9500
126
1111110
Reserved
63
0111111
1.9750
127
1111111
Reserved
Notes
42.
For voltages less than 2.0 V, only use set points 0 to 63
Table 49. SW2 register summary
Register
Address
Description
SW2VOLT
0x35
Output voltage set point on normal operation
SW2STBY
0x36
Output voltage set point on Standby
SW2OFF
0x37
Output voltage set point on Sleep
SW2MODE
0x38
Switching Mode selector register
SW2CONF
0x39
DVS, Phase, Frequency, and ILIM configuration
Table 50. Register SW2VOLT - ADDR 0x35
Name
Bit #
R/W
Default
Description
SW2
5:0
R/W
0x00
Sets the SW2 output voltage during normal operation
mode. See Table 48 for all possible configurations.
SW2
6
R
0x00
Sets the operating output voltage range for SW2. Set
during OTP or TBB configuration only. See Table 48
for all possible configurations.
UNUSED
7
–
0x00
UNUSED
Table 48. SW2 output voltage configuration (continued)
Low output voltage range(42)
High output voltage range
Set point
SW2[6:0]
SW2STBY[6:0]
SW2OFF[6:0]
SW2 output
Set point
SW2[6:0]
SW2STBY[6:0]
SW2OFF[6:0]
SW2 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com